Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-147099-0 Datasheet(PDF) 37 Page - Tyco Electronics

Part # 8-147099-0
Description  Mod IV Receptacle Assemblies
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147099-0 Datasheet(HTML) 37 Page - Tyco Electronics

Back Button 8-147099-0 Datasheet HTML 33Page - Tyco Electronics 8-147099-0 Datasheet HTML 34Page - Tyco Electronics 8-147099-0 Datasheet HTML 35Page - Tyco Electronics 8-147099-0 Datasheet HTML 36Page - Tyco Electronics 8-147099-0 Datasheet HTML 37Page - Tyco Electronics 8-147099-0 Datasheet HTML 38Page - Tyco Electronics 8-147099-0 Datasheet HTML 39Page - Tyco Electronics 8-147099-0 Datasheet HTML 40Page - Tyco Electronics 8-147099-0 Datasheet HTML 41Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
217
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mod IV Wire-Applied Housings, Double-Row,
.100 x .100 [2.54 x 2.54] Centerline (Continued)
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
No. of
Dimensions
Part Nos.
Pos.
A
B
C
Stamped*
Unstamped**
6
.300 [7.62]
.100 [2.54]
.100 [2.54]
87977-1
2-87977-8
8
.400 [10.16]
.200 [5.08]
.100 [2.54]
87977-2
2-87977-9
10
.500 [12.70]
.200 [5.08]
.200 [5.08]
87977-3
3-87977-0
12
.600 [15.24]
.300 [7.62]
.200 [5.08]
87977-4
3-87977-1
14
.700 [17.78]
.300 [7.62]
.300 [7.62]
87977-5
3-87977-2
16
.800 [20.32]
.400 [10.16]
.300 [7.62]
87977-6
3-87977-3
18
.900 [22.86]
.400 [10.16]
.400 [10.16]
3-87977-4
20
1.000 [25.40]
.500 [12.70]
.400 [10.16]
87977-8
3-87977-5
22
1.100 [27.94]
.500 [12.70]
.500 [12.70]
3-87977-6
24
1.200 [30.48]
.600 [15.24]
.500 [12.70]
1-87977-0
3-87977-7
26
1.300 [33.02]
.600 [15.24]
.600 [15.24]
1-87977-1
3-87977-8
28
1.400 [35.56]
.700 [17.78]
.600 [15.24]
3-87977-9
30
1.500 [38.10]
.700 [17.78]
.700 [17.78]
4-87977-0
32
1.600 [40.64]
.800 [20.32]
.700 [17.78]
4-87977-1
34
1.700 [43.18]
.800 [20.32]
.800 [20.32]
4-87977-2
36
1.800 [45.72]
.900 [22.86]
.800 [20.32]
4-87977-3
38
1.900 [48.26]
.900 [22.86]
.900 [22.86]
4-87977-4
40
2.000 [50.80]
1.000 [25.40]
.900 [22.86]
1-87977-8
4-87977-5
42
2.100 [53.34]
1.000 [25.40]
1.000 [25.40]
4-87977-6
44
2.200 [55.88]
1.100 [27.94]
1.000 [25.40]
4-87977-7
48
2.400 [60.96]
1.200 [30.48]
1.100 [27.94]
5-87977-6
50
2.500 [63.50]
1.200 [30.48]
1.200 [30.48]
2-87977-1
4-87977-8
52
2.600 [66.04]
1.300 [33.02]
1.200 [30.48]
4-87977-9
54
2.700 [68.58]
1.300 [33.02]
1.300 [33.02]
5-87977-0
56
2.800 [71.12]
1.400 [35.56]
1.300 [33.02]
5-87977-8
58
2.900 [73.66]
1.400 [35.56]
1.400 [35.56]
6-87977-0
60
3.000 [76.20]
1.500 [38.10]
1.400 [35.56]
2-87977-4
5-87977-1
64
3.200 [81.28]
1.600 [40.64]
1.500 [38.10]
6-87977-2
66
3.300 [83.82]
1.600 [40.64]
1.600 [40.64]
5-87977-2
70
3.500 [88.90]
1.700 [43.18]
1.700 [43.18]
5-87977-3
72
3.600 [91.44]
1.800 [45.72]
1.700 [43.18]
5-87977-4
**Cavity identification, part number and date code stamped on housing where size permits.
**No marking on housing or strain relief.
Notes: 1. Strain reliefs are available and may be purchased separately. Consult Tyco Electronics.
Notes: 2. Contact Extraction/Lance Reset Tool No. 843996-3.
A
Polarized
.175
[4.45]
.600
[15.24]
.240
[6.10]
Material
Black thermoplastic, flame retardant
Related Product Data
Contacts — pages 211-213
Mateable Headers and Posts—
pages 117-131
Technical Documents
pages 277, 278
Product Specification
108-25007, 108-25019, 108-25020,
108-25021
Application Specification
114-25003, 114-25016
Part No. 86286-1
(Plugs into standard or intermediate
pressure receptacle contact)
Material — Natural color nylon
Keying Plugs
Part No. 87077-2
(Plugs directly into housing)
Strain Relief Locators
(on Housings 20 Positions
and Larger)
.100
[2.54]
.070
[1.78]
.100
[2.54]
Typ.
±.003
[±0.08]
B
±.003
[±0.08]
C
X
X
.100
[2.54]
Typ.
Typ.
Section X-X
R
Optional
.050
[1.27]
Typ.


Similar Part No. - 8-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
More results

Similar Description - 8-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-86177-4 MACOM-1-86177-4 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com