Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA32U4RC-MU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATMEGA32U4RC-MU
Description  High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32U4RC-MU Datasheet(HTML) 5 Page - ATMEL Corporation

  ATMEGA32U4RC-MU Datasheet HTML 1Page - ATMEL Corporation ATMEGA32U4RC-MU Datasheet HTML 2Page - ATMEL Corporation ATMEGA32U4RC-MU Datasheet HTML 3Page - ATMEL Corporation ATMEGA32U4RC-MU Datasheet HTML 4Page - ATMEL Corporation ATMEGA32U4RC-MU Datasheet HTML 5Page - ATMEL Corporation ATMEGA32U4RC-MU Datasheet HTML 6Page - ATMEL Corporation ATMEGA32U4RC-MU Datasheet HTML 7Page - ATMEL Corporation ATMEGA32U4RC-MU Datasheet HTML 8Page - ATMEL Corporation ATMEGA32U4RC-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
7766FS–AVR–11/10
ATmega16/32U4
channels 10-bit ADC with optional differential input stage with programmable gain, an on-chip
calibrated temperature sensor, a programmable Watchdog Timer with Internal Oscillator, an SPI
serial port, IEEE std. 1149.1 compliant JTAG test interface, also used for accessing the On-chip
Debug system and programming and six software selectable power saving modes. The Idle
mode stops the CPU while allowing the SRAM, Timer/Counters, SPI port, and interrupt system
to continue functioning. The Power-down mode saves the register contents but freezes the
Oscillator, disabling all other chip functions until the next interrupt or Hardware Reset. The ADC
Noise Reduction mode stops the CPU and all I/O modules except ADC, to minimize switching
noise during ADC conversions. In Standby mode, the Crystal/Resonator Oscillator is running
while the rest of the device is sleeping. This allows very fast start-up combined with low power
consumption.
The device is manufactured using ATMEL’s high-density nonvolatile memory technology. The
On-chip ISP Flash allows the program memory to be reprogrammed in-system through an SPI
serial interface, by a conventional nonvolatile memory programmer, or by an On-chip Boot pro-
gram running on the AVR core. The boot program can use any interface to download the
application program in the application Flash memory. Software in the Boot Flash section will
continue to run while the Application Flash section is updated, providing true Read-While-Write
operation. By combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a
monolithic chip, the ATMEL ATmega16U4/ATmega32U4 is a powerful microcontroller that pro-
vides a highly flexible and cost effective solution to many embedded control applications.
The ATmega16U4/ATmega32U4 AVR is supported with a full suite of program and system
development tools including: C compilers, macro assemblers, program debugger/simulators, in-
circuit emulators, and evaluation kits.
2.2
Pin Descriptions
2.2.1
VCC
Digital supply voltage.
2.2.2
GND
Ground.
2.2.3
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B has better driving capabilities than the other ports.
Port B also serves the functions of various special features of the ATmega16U4/ATmega32U4
as listed on page 72.
2.2.4
Port C (PC7,PC6)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port C output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port C pins are tri-stated when a reset condition becomes active,
even if the clock is not running.


Similar Part No. - ATMEGA32U4RC-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA32U4RC-MU ATMEL-ATMEGA32U4RC-MU Datasheet
733Kb / 26P
   8-bit Microcontroller with 16/32K Bytes of ISP Flash and USB Controller
ATMEGA32U4RC-MU ATMEL-ATMEGA32U4RC-MU Datasheet
518Kb / 27P
   8-bit Microcontroller with 16/32K bytes of ISP Flash and USB Controller
09/2014
More results

Similar Description - ATMEGA32U4RC-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
   High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA48 ATMEL-ATMEGA48_11 Datasheet
8Mb / 377P
   High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture
ATA5505 ATMEL-ATA5505 Datasheet
5Mb / 294P
   High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA8 ATMEL-ATMEGA8_13 Datasheet
6Mb / 331P
   High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA103 ATMEL-ATMEGA103_14 Datasheet
2Mb / 4P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY2313V ATMEL-ATTINY2313V_14 Datasheet
3Mb / 226P
   AVR ??High-performance and Low-power RISC Architecture
AT90S2313 ATMEL-AT90S2313_14 Datasheet
1Mb / 92P
   AVR ??High-performance and Low-power RISC Architecture
ATTINY28L ATMEL-ATTINY28L_14 Datasheet
687Kb / 81P
   AVR ??High-performance and Low-power RISC Architecture
AT90LS2323 ATMEL-AT90LS2323_14 Datasheet
1Mb / 64P
   AVR ??High-performance and Low-power RISC Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com