Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC213 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # MOC213
Description  SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC213 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  MOC213 Datasheet HTML 1Page - Fairchild Semiconductor MOC213 Datasheet HTML 2Page - Fairchild Semiconductor MOC213 Datasheet HTML 3Page - Fairchild Semiconductor MOC213 Datasheet HTML 4Page - Fairchild Semiconductor MOC213 Datasheet HTML 5Page - Fairchild Semiconductor MOC213 Datasheet HTML 6Page - Fairchild Semiconductor MOC213 Datasheet HTML 7Page - Fairchild Semiconductor MOC213 Datasheet HTML 8Page - Fairchild Semiconductor MOC213 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
4/10/03
Page 8 of 9
© 2002 Fairchild Semiconductor Corporation
SMALL OUTLINE OPTOCOUPLERS
TRANSISTOR OUTPUT
MOC211-M
MOC212-M
MOC213-M
Carrier Tape Specifications
Reflow Profile
4.0
± 0.10
Ø1.5 MIN
User Direction of Feed
2.0
± 0.05
1.75
± 0.10
5.5
± 0.05
12.0
± 0.3
8.0
± 0.10
0.30 MAX
8.3
± 0.10
3.50
± 0.20
0.1 MAX
6.40
± 0.20
5.20
± 0.20
Ø1.5
± 0.1/-0
Ramp up = 2–10
°C/sec
• Peak reflow temperature: 245
°C (package surface temperature)
• Time of temperature higher than 183
°C for 120–180 seconds
• One time soldering reflow is recommended
230
°C, 10–30 s
Time (Minute)
0
300
250
200
150
100
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time above 183
°C, 120–180 sec
245
°C peak


Similar Part No. - MOC213

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC213-M FAIRCHILD-MOC213-M Datasheet
515Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC213M FAIRCHILD-MOC213M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
MOC213M FAIRCHILD-MOC213M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
MOC213R2M FAIRCHILD-MOC213R2M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
More results

Similar Description - MOC213

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC207M FAIRCHILD-MOC207M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC211-M FAIRCHILD-MOC211-M Datasheet
515Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205 FAIRCHILD-MOC205 Datasheet
520Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC205-M FAIRCHILD-MOC205-M Datasheet
518Kb / 10P
   SMALL OUTLINE OPTOCOUPLERS TRANSISTOR OUTPUT
MOC207R1M FAIRCHILD-MOC207R1M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC207R2M FAIRCHILD-MOC207R2M Datasheet
2Mb / 10P
   Small Outline Optocouplers Transistor Output
MOC223 FAIRCHILD-MOC223 Datasheet
361Kb / 7P
   SMALL OUTLINE OPTOCOUPLERS DARLINGTON OUTPUT
MOC223-M FAIRCHILD-MOC223-M Datasheet
503Kb / 9P
   Small Outline Optocouplers Darlington Output
MOC213R2M FAIRCHILD-MOC213R2M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
MOC212M FAIRCHILD-MOC212M Datasheet
2Mb / 10P
   Small Ouline Optocouplers Transistor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com