Electronic Components Datasheet Search
Selected language     English  ▼


1-103688-0 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 1-103688-0
Description  Wire-to-Board, .100 [2.54] Centerline Products
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 1 page
background image
88
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Wire-to-Board, .100 [2.54] Centerline Products
AMPMODU Interconnection System
5
Wire Size
Product Family
AWG
[mm2]
20
0.5-0.6
Locking Clip, Mod. IV, IV.v, V, MT, Short Point
22-30
0.3-0.05
Locking Clip, Mod. IV, IV.v, V, MTE, MT, Short Point
32
0.03
Mod. IV, IV.v, V, Short Point
Platings
Product Family
.000015 [0.00038]
Mod. IV, IV.v, V, MTE, MT, Short Point
Gold
.000030 [0.00076]
Locking Clip, Mod. IV, IV.v, V, MTE, MT, Short Point
Gold
.000050 [0.00127]
Locking Clip, Mod. IV, IV.v, V, MT
Gold
Tin
Locking Clip, Mod. IV, IV.v, V, MTE, MT, Short Point
Wire Sizes
Contact Platings
Post Lengths
Product Family
.210-.283 [5.33-7.19]
Mod. IV (.600 [15.24] Profile Height)
.205-.283 [5.21-7.19]
Mod. IV.v (.600 [15.24] Profile Height)
.185-.283 [4.70-7.19]
Mod. V (.600 [15.24] Profile Height)
.256-.323 [6.50-8.20]
Mod. IV (.645 [16.38] Profile Height)
.251-.323 [6.38-8.20]
Mod. IV.v (.645 [16.38] Profile Height)
.231-.323 [5.87-8.20]
Mod. V (.645 [16.38] Profile Height)
.222-.273 [5.64-6.93]
MT Assembly with Standard Pressure Contacts
.200-.273 [5.08-6.93]
MT Assembly with High Pressure Contacts
.200-.250 [5.08-6.35]
MTE Assembly
.169-.259 [4.29-6.58]
Short Point Connector Assembly
.273-.350 [6.93-8.89]
Locking Clip (Connector Assembly)
.200-.277 [5.08-7.04]
Locking Clip (Single Contact)
Mating Post Lengths
Application Tooling
Application Tooling
Product Family
Description
Mod. IV,
MT
Locking
MTE
Short
Level V
IV.v, V
Clip
Point
Manual Hand Tools (Wire Crimp)
••
Manual Hand Tools (IDC)
•••
AMP-O-MATIC Stripper/Crimper
••
Machines with Applicator
CHAMPOMATOR
••
Model 2.5 Machine
CHAMPOMATOR
Model 3A Machine
AMP-O-LECTRIC
••
Machines with Applicator
Pneumatic Hand Tools
••
IDC Electric Power Unit
Tube-Fed Ribbon
Cable Machine
AMPOMATOR CLS Machines
••
Discrete Wire Machine
••
Manual Arbor Tool
••
Pneumatic Arbor Tool
••




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl