Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-147100-8 Datasheet(PDF) 95 Page - Tyco Electronics

Part # 8-147100-8
Description  Mod IV Receptacle Assemblies
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147100-8 Datasheet(HTML) 95 Page - Tyco Electronics

Back Button 8-147100-8 Datasheet HTML 90Page - Tyco Electronics 8-147100-8 Datasheet HTML 91Page - Tyco Electronics 8-147100-8 Datasheet HTML 92Page - Tyco Electronics 8-147100-8 Datasheet HTML 93Page - Tyco Electronics 8-147100-8 Datasheet HTML 94Page - Tyco Electronics 8-147100-8 Datasheet HTML 95Page - Tyco Electronics 8-147100-8 Datasheet HTML 96Page - Tyco Electronics 8-147100-8 Datasheet HTML 97Page - Tyco Electronics 8-147100-8 Datasheet HTML 98Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 95 / 98 page
background image
275
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Application Tooling for Insulation Displacement Crimp (IDC)
Contacts and Connectors (Continued)
Tooling shown on this page
is designed to terminate
IDC contacts for various
AMPMODU wire-to-board
connectors. Refer to page
88 to determine the applica-
ble connectors.
CHAMPOMATOR Model 2.5 Terminating Machine No. 354786-(*)
This compact bench
machine terminates wires
manually sorted from
multiconductor cables.
Termination sequence may
include full termination of all
contacts, or selective termi-
nation. Designed for easy
programming, the machine
is microprocessor controlled
and programmed by a
membrane switch key-
board. It also has an inter-
nal storage capability for
retaining up to 350 cable
assemblies. Connectors
can be terminated with
either straight or right-angle
wire dress.
*For applicable dash nos.,
call the Technical Support
Center: 1-800-522-6752.
For further details, request
Tyco Electronics Catalog
82247
This floor model machine
automatically sorts wires
from multiconductor jack-
eted cable and terminates
them in a user-determined
sequence; either full termina-
tion of all contacts, or selec-
tive termination. Designed
for easy programming, the
machine is microprocessor
controlled and programmed
by a touchscreen. It also has
an internal storage capability
for retaining up to 50 cable
assemblies. Connectors can
be terminated with either
straight or right- angle wire
dress. All cable assemblies
are tested for continuity and
shorts.
*For applicable dash nos.,
call the Technical Support
Center: 1-800-522-6752.
For further details, request
Tyco Electronics Catalog
82247
CHAMPOMATOR Model 3A Terminating Machine No. 761420-(*)


Similar Part No. - 8-147100-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147100-8 MACOM-8-147100-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
8-147100-8 MACOM-8-147100-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
More results

Similar Description - 8-147100-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-86177-4 MACOM-1-86177-4 Datasheet
109Kb / 1P
   MOD IV CRIMP SNAP-IN CONNECTOR
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com