Electronic Components Datasheet Search
Selected language     English  ▼


7-1462039-4 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. 7-1462039-4
Description  IM Relay
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 5 page
background image
07-2013, Rev. 0713
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
AXICOM
Signal Relays
Product code
Arrangement
Perf. type
Coil
Coil type
Coil
Terminals
Part number
IM00GR
2 form C,
Standard
1.5VDC
Monostable
Standard
SMT gull wing
3-1462037-7
IM00JR
2 CO
SMT J-leg
3-1462037-9
IM00NS
contacts
THT narrow
1-1462038-0
IM01GR
3VDC
SMT gull wing
1462037-1
IM01JR
SMT J-leg
4-1462037-0
IM01NS
THT narrow
1-1462038-1
IM01TS
THT standard
1462037-4
IM02GR
4.5VDC
SMT gull wing
1462037-9
IM02JR
SMT J-leg
1-1462037-1
IM02NS
THT narrow
1-1462038-2
IM03GR
5VDC
SMT gull wing
1-1462037-4
IM03JR
SMT J-leg
1-1462037-6
IM03NS
THT narrow
1-1462038-3
IM03TS
THT standard
1-1462037-8
IM04GR
6VDC
SMT gull wing
4-1462037-2
IM04JR
SMT J-leg
4-1462037-4
IM04NS
THT narrow
1-1462038-4
IM05GR
9VDC
SMT gull wing
3-1462037-4
IM05JR
SMT J-leg
4-1462037-5
IM05NS
THT narrow
1-1462038-5
IM05TS
THT standard
2-1462037-2
IM06GR
12VDC
SMT gull wing
2-1462037-3
IM06JR
SMT J-leg
4-1462037-6
IM06NS
THT narrow
1-1462038-6
IM07GR
24VDC
SMT gull wing
4-1462037-7
IM07JR
SMT J-leg
4-1462037-8
IM07NS
THT narrow
1-1462038-7
IM08GR
2.4VDC
SMT gull wing
6-1462039-3
IM11GR
3VDC
High sens.
9-1462038-5
IM12GR
4.5VDC
1462039-3
IM13GR
5VDC
1462039-4
IM16GR
12VDC
1462039-5
IM17GR
24VDC
1462039-6
IM17TS
THT standard
4-1462039-6
IM21GR
3VDC
Ultra
SMT gull wing
2-1462039-6
IM21TS
high
THT standard
1-1462039-5
IM22GR
4.5VDC
sensitive
SMT gull wing
2-1462039-7
IM22TS
THT standard
2-1462039-8
IM23GR
5VDC
SMT gull wing
2-1462039-9
IM23TS
THT standard
3-1462039-0
IM26GR
12VDC
SMT gull wing
3-1462039-1
IM26TS
THT standard
3-1462039-2
IM40GR
1.5VDC
Bistable
Standard
SMT gull wing
5-1462037-1
IM40JR
SMT J-leg
5-1462037-2
IM40NS
THT narrow
1-1462038-8
IM40TS
THT standard
5-1462037-0
IM41GR
3VDC
SMT gull wing
5-1462037-4
IM41JR
SMT J-leg
5-1462037-5
IM41NS
THT narrow
1-1462038-9
IM41TS
THT standard
5-1462037-3
IM42GR
4.5VDC
SMT gull wing
3-1462037-1
IM42JR
SMT J-leg
5-1462037-7
IM42NS
THT narrow
2-1462038-0
IM42TS
THT standard
5-1462037-6
IM43GR
5VDC
SMT gull wing
5-1462037-9
IM43JR
SMT J-leg
6-1462037-0
IM43NS
THT narrow
2-1462038-1
IM43TS
THT standard
5-1462037-8
IM44GR
6VDC
SMT gull wing
6-1462037-2
IM44JR
SMT J-leg
6-1462037-3
IM44NS
THT narrow
2-1462038-2
IM44TS
THT standard
6-1462037-1
IM45GR
9VDC
SMT gull wing
6-1462037-4
IM45JR
SMT J-leg
6-1462037-5
IM45NS
THT narrow
2-1462038-3
IM46GR
12VDC
SMT gull wing
6-1462037-7
IM46JR
SMT J-leg
6-1462037-8
IM46NS
THT narrow
2-1462038-4
IM46TS
THT standard
6-1462037-6
IM47GR
24VDC
SMT gull wing
7-1462037-0
IM47JR
SMT J-leg
7-1462037-1
IM47NS
THT narrow
2-1462038-5
IM47TS
THT standard
6-1462037-9
IM48GR
2.4VDC
SMT gull wing
1462039-8
Signal Relays
IM Relay (Continued)




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl