Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376391-4 Datasheet(PDF) 68 Page - Tyco Electronics

Part # 3-1376391-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376391-4 Datasheet(HTML) 68 Page - Tyco Electronics

Back Button 3-1376391-4 Datasheet HTML 64Page - Tyco Electronics 3-1376391-4 Datasheet HTML 65Page - Tyco Electronics 3-1376391-4 Datasheet HTML 66Page - Tyco Electronics 3-1376391-4 Datasheet HTML 67Page - Tyco Electronics 3-1376391-4 Datasheet HTML 68Page - Tyco Electronics 3-1376391-4 Datasheet HTML 69Page - Tyco Electronics 3-1376391-4 Datasheet HTML 70Page - Tyco Electronics 3-1376391-4 Datasheet HTML 71Page - Tyco Electronics 3-1376391-4 Datasheet HTML 72Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 98 page
background image
202
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Headers for UMNL II Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
15 Circuit
Part No. 194013-1
.80
[20.32]
1.30
[33.02]
.25
[6.35]
Typ.
.55
[13.97]
.17
[4.32]
.03
[.76]
High Current
Vertical Pin Headers
High Current Universal MATE-N-LOK II
Vertical Pin Headers are designed to
accept Universal MATE-N-LOK II Plugs
with High Current Socket contacts. All
housings are polarized in order to allow
proper circuit board placement. Eight
versions are available from 2 circuit to
15 circuits.
Material
Housing — UL 94V-0 Nylon
Contacts — Copper Alloy
Finish — Silver
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association,
File No. LR7189
I
Passed test by VDE under
their Registration Number
3980/Continuous
Surveillance
Design Objective —108-1594
R
R
Notes: 1. High Current contacts with Louvertac bands are not intermateable with any other contact.
2. Additional information on connectors is available in AMP High Current Products Catalog 65141.
2 Circuit
Part No. 194009-1
6 Circuit
Part No. 194002-1
3 Circuit
Part No. 194017-1
9 Circuit
Part No. 194012-1
4 Circuit
Part No. 194010-1
12 Circuit
Part No. 194014-1
5 Circuit
Part No. 194018-1
.35
[8.89]
.55
[13.97]
.17
[4.32]
.03
[.76]
.55
[13.97]
.250
[6.35]
Typ.
.80
[20.32]
.55
[13.97]
.250
[6.35]
Typ.
.55
[13.97]
.17
[4.32]
.03
[.76]
.30
[7.62]
.80
[20.32]
.25
[6.35]
Typ.
.55
[13.97]
.17
[4.32]
.03
[.76]
.80
[20.32]
.80
[20.32]
.25
[6.35]
Typ.
.55
[13.97]
.17
[4.32]
.03
[.76]
.30
[7.62]
1.05
[26.67]
.25
[6.35]
Typ.
.55
[13.97]
.17
[4.32]
.03
[.76]
.80
[20.32]
1.05
[26.67]
.25
[6.35]
Typ.
.55
[13.97]
.17
[4.32]
.03
[.76]
.30
[7.62]
1.30
[33.02]
.25
[6.35]
Typ.
.55
[13.97]
.17
[4.32]
.03
[.76]


Similar Part No. - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com