Electronic Components Datasheet Search |
|
3-1376391-4 Datasheet(PDF) 12 Page - Tyco Electronics |
|
3-1376391-4 Datasheet(HTML) 12 Page - Tyco Electronics |
12 / 98 page 146 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 .093 [2.36] Commercial Pin and Socket Connectors (Continued) AMP Soft Shell Pin and Socket Connectors Housings Free-Hanging or Panel Mount .198 [5.03] Centerline spacing Material Housing —Nylon, natural color Flammability Rating— UL94-V-2 Related Product Data Contacts —page 145 Product Specification —108-1038 Receptacle Plug Receptacle Plug 2, 3, and 4 Circuit, In-Line Receptacle Part Numbers Plug Part Numbers No. of A Dimension Panel Mount Free-Hanging Circuits Receptacle Plug Without With Without With Panel Free- Detents Detents Detents Detents Mount Hanging 1— — — — — 770063-1 — 770064-1 .540 .640 770065-11,5 2 13.72 16.26 — 770066-11,5 — 7702661,3,5 770068-11 770069-11 .670 .770 770070-1 3 17.02 19.56 — 770071-1 — 770264-13 770073-1 770074-1 4 .870 .970 (In-Line) 22.10 24.64 — 770076-1 — 770075-1 770077-1 770078-1 4 .443 .540 (Matrix) 11.25 13.71 —— — 770843-1 — 770842-1 1.070 1.170 770083-1 5 27.18 29.72 —— — 794015-13 — 770084-1 6 1.268 1.378 (In-Line) 32.21 35.00 —— — 770782-14 — 770892-14 6 .435 .535 (Matrix) 11.05 13.59 770085-1 770087-1 770088-1 770086-1 770089-1 770090-1 .670 .770 770092-1 770095-12 9 17.02 19.56 770091-1 770093-1 770094-1 770108-1 770096-1 .870 .970 12 22.10 24.64 770097-1 770099-1 770100-1 770098-1 770101-1 770102-1 1.070 1.170 15 27.18 29.72 770103-1 — 770105-1 — 770106-1 770107-1 1 .248 [6.30] centerline. 2 Mounting ears at wire end. 3 Tool removable. 4 Positive lock. 5 600 V AC or DC Note: All part numbers are RoHS Compliant. .970 [24.64] .245 [6.22] .360 [9.14] 198 5.03] Typ. 1.095 [27.81] .340 [8.64] A Panel-Mount Flange .198 [5.03] Typ. A 1.125 [28.58] .240 [6.10] .240 [6.10] 1.000 [25.40] 1 Circuit |
Similar Part No. - 3-1376391-4 |
|
Similar Description - 3-1376391-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |