Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

767117-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 767117-1
Description  STEP-Z Interconnection System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

767117-1 Datasheet(HTML) 4 Page - Tyco Electronics

  767117-1 Datasheet HTML 1Page - Tyco Electronics 767117-1 Datasheet HTML 2Page - Tyco Electronics 767117-1 Datasheet HTML 3Page - Tyco Electronics 767117-1 Datasheet HTML 4Page - Tyco Electronics 767117-1 Datasheet HTML 5Page - Tyco Electronics 767117-1 Datasheet HTML 6Page - Tyco Electronics 767117-1 Datasheet HTML 7Page - Tyco Electronics 767117-1 Datasheet HTML 8Page - Tyco Electronics 767117-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
16
Catalog 65194
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Page_Head (Continued)
High Speed Fine Pitch Connectors
(MICTOR, MICTOR SB, Micro-Strip and STEP-Z
Interconnection Systems)
Material and Performance Specifications, MICTOR Connectors
Performance Specifications
Ratings
Voltage — 30 vac
Current — Signal; rated 1.0 Amps, fully derated 0.5 Amps
Ground; rated 11.5 Amps, fully derated 7.6 Amps
Temperature — -55°C to +125°C
Electrical Characteristics
Characteristic Impedance — 50±5 ohms at 1 ns
Termination Resistance — ∆R 10 milliohms max.; Specification 109-6-1
Insulation Resistance — 10,000 megohms min.; Specification 109-208-1
Dielectric Withstanding Voltage — 500 vac at sea level; Specification 109-29-1
Mechanical Characteristics
Solderability — Solderable area shall have a 95% min. solder coverage; Specification 109-11-1
Vibration (Random) — No discontinuities of 1 µs or longer duration; Specification 109-21-5
Physical Shock — No discontinuities of 1 µs or longer duration; Specification 109-26-1
Durability (Tested to) — Mate and unmate samples at a rate of 600 cycles max. per hour. 25 cycles, gold plating;
500 cycles, palladium-nickel plating; Specification 109-27
Contact Retention — 1 lb min.; Specification 109-30
Mating Force — 152 oz max. per 1/2 inch of connector (1 module). Each module equals 38 signal contacts and 1 ground bus;
Specification 109-42
Unmating Force — 19 oz min. per 1/2 inch of connector (1 module). Each module equals 38 signal contacts and 1 ground bus;
Specification 109-42
Environmental Characteristics
Thermal Shock — Subject mated samples to 5 cycles between -55°C and +125°C; Specification 109-22
Humidity - Temperature Cycling — Subject mated samples to 10 cycles between +25°C and +65°C at 95% RH;
Specification 109-23-3, Condition B
Temperature Cycling — Subject mated samples to 1024 cycles between -40°C and +60°C at 2 hours per cycle;
Specification 109-75-1
Temperature Life — Subject mated samples to temperature life at +118°C for 792 hours;
Specification 109-43
Mixed Flowing Gas — Subject mated samples to environmental class II for 14 days; Specification 109-85-2
Material Specifications
Material
Housing — Liquid crystal polymer, black
Contacts — High reliability copper alloy
Ground Bus — Phosphor bronze
Finish (Gold Plating)
Contacts and Ground Bus — Duplex plated 0.00076 [.000030] min. gold in mating area, 0.00381 [.000150] min. tin-lead on
leads, with entire contact and ground bus underplated 0.00178 [.000070] min. nickel
Finish (Palladium-Nickel Plating)
Contacts and Ground Bus — Duplex plated 0.000013 [.000005] min. gold over 0.00076 [.000030] min. palladium-nickel in
mating area, 0.00381 [.000150] min. tin-lead on leads, with entire contact and ground bus underplated 0.00178 [.000070] min.
nickel
Finish (Lead-Free Plating)
Contacts and Ground Bus — 0.00076 [.000030] min. gold on contact area, 0.00381-0.00635 [.000150-.000250] matte tin per
ASTM B 545 on leads, all over 0.00177-0.00445 [.000070-.000175] nickel.
Or
0.00013 [.000005] min. gold over, 0.00076 [.000030] min. palladium nickel on contact area, 0.00381-0.00635 [.000150-.000250]
matte tin per ASTM B 545 on leads, all over 0.00191-0.00445 [.000075-.000175] nickel.


Similar Part No. - 767117-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
76710-6010 MOLEX9-76710-6010 Datasheet
164Kb / 3P
   1.40mm (0.055") Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 10 Column, 150 Circuits
76710-6108 MOLEX9-76710-6108 Datasheet
153Kb / 3P
   1.40mm (0.055") Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 8 Column, 120Circuits, 85 Ohms, Tin/Lead
76710-6110 MOLEX9-76710-6110 Datasheet
161Kb / 3P
   1.40mm (0.055) Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 10 Column, 150 Circuits, 85 Ohms, Tin/Lead
76710-6208 MOLEX9-76710-6208 Datasheet
136Kb / 3P
   1.40mm (0.055") Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 8 Column, 120 Circuits, 85 Ohms
76710-6210 MOLEX9-76710-6210 Datasheet
138Kb / 3P
   1.40mm (0.055) Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 10 Column, 150 Circuits, 85 Ohms, Lead Free
More results

Similar Description - 767117-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
Tyco Electronics
539630-1 MACOM-539630-1 Datasheet
3Mb / 40P
   SOLARLOK Photovoltaic Interconnection System
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com