Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

767117-6 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 767117-6
Description  STEP-Z Interconnection System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

767117-6 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 767117-6 Datasheet HTML 4Page - Tyco Electronics 767117-6 Datasheet HTML 5Page - Tyco Electronics 767117-6 Datasheet HTML 6Page - Tyco Electronics 767117-6 Datasheet HTML 7Page - Tyco Electronics 767117-6 Datasheet HTML 8Page - Tyco Electronics 767117-6 Datasheet HTML 9Page - Tyco Electronics 767117-6 Datasheet HTML 10Page - Tyco Electronics 767117-6 Datasheet HTML 11Page - Tyco Electronics 767117-6 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
20
Catalog 65194
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Page_Head (Continued)
High Speed Fine Pitch Connectors
(MICTOR, MICTOR SB, Micro-Strip and STEP-Z
Interconnection Systems)
MICTOR Vertical Plugs (Continued)
Part Numbers
Dimensions
Platings
Barbed G/B Leads
Barbless G/B Leads
No. of
Solder
T&R
T&R
Pos.
A
BC
D
E
F
Tail
Contact
Tube
Vacuum Caps
Tube
Vacuum Caps
With
Without
With
Without
1.35 [.053]
Gold
767007-8
767111-8
767111-1
767116-1
767118-1
767118-8
2.72 [.107]
SnPb
PdNi
767056-1
.
.
.
.
.
38
25.40
22.81
11.43
0—
2.64 [.104]
.
.
.
767117-1
767119-1
767119-8
1.000
.898
.450
1.35 [.053]
Gold
5767007-8
5767111-8
5767111-1
5767116-1
5767118-1
5767118-8
2.72 [.107] Pb-free
PdNi
5767056-1
.
.
.
.
.
2.64 [.104]
.
.
. 5767117-1
5767119-1
5767119-8
1.35 [.053]
Gold
767007-9
767111-9
767111-2
767116-2
767118-2
767118-9
2.72 [.107]
SnPb
PdNi
767056-2
.
.
.
.
.
76
38.10
31.70
24.13
1
12.70 2.64 [.104]
.
.
.
767117-2
767119-2
767119-9
1.500
1.248
.950
.500
1.35 [.053]
Gold
5767007-9
5767111-9
5767111-2
5767116-2
5767118-2
5767118-9
2.72 [.107] Pb-free
PdNi
5767056-2
.
.
.
.
.
2.64 [.104]
.
.
. 5767117-2
5767119-2
5767119-9
1.35 [.053]
Gold
1-767007-0
1-767111-0
767111-3
767116-3
767118-3
1-767118-0
2.72 [.107]
SnPb
PdNi
767056-3
.
.
.
.
.
114
50.80
48.21
36.83
2
25.40 2.64 [.104]
.
.
.
767117-3
767119-3
1-767119-0
2.000
1.898
1.450
1.000 1.35 [.053]
Gold 1-5767007-0 1-5767111-0
5767111-3
5767116-3
5767118-3
1-5767118-0
2.72 [.107] Pb-free
PdNi
5767056-3
.
.
.
.
.
2.64 [.104]
.
.
. 5767117-3
5767119-3
1-5767119-0
1.35 [.053]
Gold
1-767007-1
1-767111-1
767111-4
767116-4
767118-4
1-767118-1
2.72 [.107]
SnPb
PdNi
767056-4
.
.
.
.
.
152
63.50
60.91
49.53
3
38.10 2.64 [.104]
.
.
.
767117-4
767119-4
1-767119-1
2.500
2.398
1.950
1.500 1.35 [.053]
Gold 1-5767007-1 1-5767111-1
5767111-4
5767116-4
5767118-4
1-5767118-1
2.72 [.107] Pb-free
PdNi
5767056-4
.
.
.
.
.
2.64 [.104]
.
.
. 5767117-4
5767119-4
1-5767119-1
1.35 [.053]
Gold
1-767007-2
1-767111-2
767111-5
767116-5
767118-5
1-767118-2
2.72 [.107]
SnPb
PdNi
767056-5
.
.
.
.
.
190
76.20
73.61
62.23
4
50.80 2.64 [.104]
.
.
.
767117-5
767119-5
1-767119-2
3.000
2.898
2.450
2.000 1.35 [.053]
Gold 1-5767007-2 1-5767111-2
5767111-5
5767116-5
5767118-5
1-5767118-2
2.72 [.107] Pb-free
PdNi
5767056-5
.
.
.
.
.
2.64 [.104]
.
.
. 5767117-5
5767119-5
1-5767119-2
1.35 [.053]
Gold
1-767007-3
.
.
767116-6
.
.
2.72 [.107]
SnPb
PdNi
767056-6
.
.
.
.
.
228
88.90
86.31
74.93
5
63.50 2.64 [.104]
.
.
.
767117-6
.
.
3.500
3.398
2.950
2.500 1.35 [.053]
Gold 1-5767007-3
.
. 5767116-6
.
.
2.72 [.107] Pb-free
PdNi
5767056-6
.
.
.
.
.
2.64 [.104]
.
.
. 5767117-6
.
.
1.35 [.053]
Gold
1-767007-4
.
.
767116-7
.
.
2.72 [.107]
SnPb
PdNi
767056-7
.
.
.
.
.
266
101.60 99.01
87.63
6
76.20 2.64 [.104]
.
.
.
767117-7
.
.
4.000
3.898
3.450
3.000 1.35 [.053]
Gold 1-5767007-4
.
. 5767116-7
.
.
2.72 [.107] Pb-free
PdNi
5767056-7
.
.
.
.
.
2.64 [.104]
.
.
. 5767117-7
.
.
Notes: 1. Contact Product Engineering regarding options not present in this table.
2. T&R vacuum caps are placed on some connectors to allow them to be picked up with robotic placement equipment that uses vacuum pick-up
nozzles.
6.60 [.260]
Stacking Height (Continued)
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant;
Indicates “5 of 6 compliant” (lead in solderable interface only).


Similar Part No. - 767117-6

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
76710-6010 MOLEX9-76710-6010 Datasheet
164Kb / 3P
   1.40mm (0.055") Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 10 Column, 150 Circuits
76710-6108 MOLEX9-76710-6108 Datasheet
153Kb / 3P
   1.40mm (0.055") Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 8 Column, 120Circuits, 85 Ohms, Tin/Lead
76710-6110 MOLEX9-76710-6110 Datasheet
161Kb / 3P
   1.40mm (0.055) Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 10 Column, 150 Circuits, 85 Ohms, Tin/Lead
76710-6208 MOLEX9-76710-6208 Datasheet
136Kb / 3P
   1.40mm (0.055") Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 8 Column, 120 Circuits, 85 Ohms
76710-6210 MOLEX9-76710-6210 Datasheet
138Kb / 3P
   1.40mm (0.055) Pitch Tinman Vertical Receptacle, Dual End, 5 Pair, 10 Column, 150 Circuits, 85 Ohms, Lead Free
More results

Similar Description - 767117-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
Tyco Electronics
539630-1 MACOM-539630-1 Datasheet
3Mb / 40P
   SOLARLOK Photovoltaic Interconnection System
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com