Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1C63567 Datasheet(PDF) 9 Page - Epson Company

Part # S1C63567
Description  4-bit Single Chip Microcomputer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C63567 Datasheet(HTML) 9 Page - Epson Company

Back Button S1C63567 Datasheet HTML 5Page - Epson Company S1C63567 Datasheet HTML 6Page - Epson Company S1C63567 Datasheet HTML 7Page - Epson Company S1C63567 Datasheet HTML 8Page - Epson Company S1C63567 Datasheet HTML 9Page - Epson Company S1C63567 Datasheet HTML 10Page - Epson Company S1C63567 Datasheet HTML 11Page - Epson Company S1C63567 Datasheet HTML 12Page - Epson Company S1C63567 Datasheet HTML 13Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
S1C63567
● Serial Interface AC Characteristics
Clock Synchronous Master Mode
• During 32 kHz operation
Characteristic
Transmitting data output delay time
Receiving data input set-up time
Receiving data input hold time
Symbol
tsmd
tsms
tsmh
Unit
µS
µS
µS
Max.
5
Typ.
Min.
10
5
(Condition: VDD=3.0V, VSS=0V, Ta=-20 to 70
°C, VIH1=0.8VDD, VIL1=0.2VDD, VOH=0.8VDD, VOL=0.2VDD)
• During 1 MHz operation
Characteristic
Transmitting data output delay time
Receiving data input set-up time
Receiving data input hold time
Symbol
tsmd
tsms
tsmh
Unit
nS
nS
nS
Max.
200
Typ.
Min.
400
200
Note that the maximum clock frequency is limited to 1 MHz.
(Condition: VDD=3.0V, VSS=0V, Ta=-20 to 70
°C, VIH1=0.8VDD, VIL1=0.2VDD, VOH=0.8VDD, VOL=0.2VDD)
Clock Synchronous Slave Mode
• During 32 kHz operation
Characteristic
Transmitting data output delay time
Receiving data input set-up time
Receiving data input hold time
Symbol
tssd
tsss
tssh
Unit
µS
µS
µS
Max.
10
Typ.
Min.
10
5
(Condition: VDD=3.0V, VSS=0V, Ta=-20 to 70
°C, VIH1=0.8VDD, VIL1=0.2VDD, VOH=0.8VDD, VOL=0.2VDD)
• During 1 MHz operation
Characteristic
Transmitting data output delay time
Receiving data input set-up time
Receiving data input hold time
Symbol
tssd
tsss
tssh
Unit
nS
nS
nS
Max.
500
Typ.
Min.
400
200
Note that the maximum clock frequency is limited to 1 MHz.
(Condition: VDD=3.0V, VSS=0V, Ta=-20 to 70
°C, VIH1=0.8VDD, VIL1=0.2VDD, VOH=0.8VDD, VOL=0.2VDD)
<Master mode>
SCLK OUT
SOUT
SIN
VOH
VOH
VOL
tsms
tsmh
tsmd
VIH1
VIL1
VOL
<Slave mode>
SCLK IN
SOUT
SIN
VIH1
VOH
VOL
tsss
tssh
tssd
VIH1
VIL1
VIL1


Similar Part No. - S1C63567

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C63003 EPSON-S1C63003 Datasheet
169Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63004 EPSON-S1C63004 Datasheet
104Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63008 EPSON-S1C63008 Datasheet
119Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63016 EPSON-S1C63016 Datasheet
119Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63158 EPSON-S1C63158 Datasheet
168Kb / 2P
   4-bit Single Chip Microcomputer
More results

Similar Description - S1C63567

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com