Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40057 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40057
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40057 Datasheet(HTML) 1 Page - Texas Instruments

  TPS40057 Datasheet HTML 1Page - Texas Instruments TPS40057 Datasheet HTML 2Page - Texas Instruments TPS40057 Datasheet HTML 3Page - Texas Instruments TPS40057 Datasheet HTML 4Page - Texas Instruments TPS40057 Datasheet HTML 5Page - Texas Instruments TPS40057 Datasheet HTML 6Page - Texas Instruments TPS40057 Datasheet HTML 7Page - Texas Instruments TPS40057 Datasheet HTML 8Page - Texas Instruments TPS40057 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
5
13
12
16
15
1
2
3
KFF
RT
BP5
SGND
VIN
HDRV
SW
BP10
4
SYNC
11
ILIM
TPS4005xPWP
6
SS/SD
7
VFB
8
COMP
14
BOOST
LDRV 10
PGND
9
VIN
VO
+
+
UDG-03179
8
TPS40054
TPS40055
TPS40057
www.ti.com
SLUS593H – DECEMBER 2003 – REVISED JULY 2012
WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Check for Samples: TPS40054, TPS40055, TPS40057
1
FEATURES
CONTENTS
2
Operating Input Voltage 8 V to 40 V
Device Ratings
2
Input Voltage Feed-Forward Compensation
Electrical Characteristics
3
< 1 % Internal 0.7-V Reference
Pin Descriptions
5
Programmable Fixed-Frequency Up to 1-MHz
Voltage Mode Controller
Application Information
7
Internal Gate Drive Outputs for High-Side and
Design Examples
22
Synchronous N-Channel MOSFETs
Additional References
27
16-Pin PowerPAD™ Package (
θJC = 2°C/W)
Thermal Shutdown
DESCRIPTION
The TPS4005x is a family of high-voltage, wide input
Externally Synchronizable
(8 V to 40 V), synchronous, step-down controllers.
Programmable High-Side Sense Short-Circuit
The TPS4005x family offers design flexibility with a
Protection
variety of user-programmable functions, including
Programmable Closed-Loop Soft-Start
soft-start, UVLO, operating frequency, voltage feed-
forward,
high-side
current
limit,
and
loop
TPS40054 Source Only
compensation.
TPS40055 Source/Sink
The TPS4005x uses voltage feed-forward control
TPS40057 Source/Sink With VO Prebias
techniques to provide good line regulation over the
wide (4:1) input voltage range, and fast response to
APPLICATIONS
input line transients. Near-constant modulator gain
Power Modules
with input variation eases loop compensation. The
externally programmable current limit provides pulse-
Networking/Telecom
by-pulse current limit, as well as hiccup mode
Industrial/Servers
operation utilizing an internal fault counter for longer
duration overloads.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS40057

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40057 TI-TPS40057 Datasheet
496Kb / 33P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057 TI1-TPS40057 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40057 TI-TPS40057 Datasheet
1Mb / 39P
[Old version datasheet]   TPS4005x Wide-Input Synchronous Buck Controller
TPS40057 TI1-TPS40057 Datasheet
1Mb / 39P
[Old version datasheet]   Wide-Input Synchronous Buck Controller
TPS40057 TI1-TPS40057 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
More results

Similar Description - TPS40057

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com