Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40054PWP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40054PWP
Description  WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40054PWP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40054PWP Datasheet HTML 3Page - Texas Instruments TPS40054PWP Datasheet HTML 4Page - Texas Instruments TPS40054PWP Datasheet HTML 5Page - Texas Instruments TPS40054PWP Datasheet HTML 6Page - Texas Instruments TPS40054PWP Datasheet HTML 7Page - Texas Instruments TPS40054PWP Datasheet HTML 8Page - Texas Instruments TPS40054PWP Datasheet HTML 9Page - Texas Instruments TPS40054PWP Datasheet HTML 10Page - Texas Instruments TPS40054PWP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
(
) (
)
KFF
IN(min)
KFF
T
R
V
V
58.14 R
1340
=
-
´
´
+
W
VPEAK
VVALLEY
tON1 > tON2 and D1 > D2
t2
tON2
t1
tON1
VIN
RAMP
COMP
SW
D =
tON
t
UDG-08119
R
T +
1
f
SW
17.82
10*6
* 17 kW
TPS40054
TPS40055
TPS40057
www.ti.com
SLUS593H – DECEMBER 2003 – REVISED JULY 2012
APPLICATION INFORMATION
The TPS40054/55/57 family of devices allows the user to optimize the PWM controller to the specific application.
The TPS40057 is safe for pre-biased outputs, not turning on the synchronous rectifier until the high-side FET has
already started switching.
The TPS40054 operates in one quadrant and sources output current only, allowing for paralleling of converters
and ensures that one converter does not sink current from another converter. This controller also emulates a
non-synchronous buck converter at light loads where the inductor current goes discontinuous. At continuous
output inductor currents the controller operates as a synchronous buck converter to optimize efficiency.
The TPS40055 operates in two quadrants, sourcing and sinking output current.
SETTING THE SWITCHING FREQUENCY (PROGRAMMING THE CLOCK OSCILLATOR)
The TPS4005x has independent clock oscillator and ramp generator circuits. The clock oscillator serves as the
master clock to the ramp generator circuit. The switching frequency, fSW in kHz, of the clock oscillator is set by a
single resistor (RT) to ground. The clock frequency is related to RT, in kΩ by Equation 1 and the relationship is
charted in Figure 2.
(1)
PROGRAMMING THE RAMP GENERATOR CIRCUIT
The ramp generator circuit provides the actual ramp used by the PWM comparator. The ramp generator provides
voltage feed-forward control by varying the PWM ramp slope with line voltage, while maintaining a constant ramp
magnitude. Varying the PWM ramp directly with line voltage provides excellent response to line variations since
the PWM does not have to wait for loop delays before changing the duty cycle. (See Figure 1).
Figure 1. Voltage Feed-Forward Effect on PWM Duty Cycle
The PWM ramp must be faster than the master clock frequency or the PWM is prevented from starting. The
PWM ramp time is programmed via a single resistor (RKFF) pulled up to VIN. RKFF is related to RT, and the
minimum input voltage, VIN(min) through the following:
where
VIN(min) is the ensured minimum start-up voltage (the actual start-up voltage is nominally about 10% lower at
25°C)
RT is the timing resistance in kΩ
Copyright © 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS40054 TPS40055 TPS40057


Similar Part No. - TPS40054PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40054PWP TI-TPS40054PWP Datasheet
496Kb / 33P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054PWP TI1-TPS40054PWP Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054PWP TI1-TPS40054PWP Datasheet
1Mb / 39P
[Old version datasheet]   Wide-Input Synchronous Buck Controller
TPS40054PWPG4 TI1-TPS40054PWPG4 Datasheet
1Mb / 39P
[Old version datasheet]   Wide-Input Synchronous Buck Controller
TPS40054PWPR TI1-TPS40054PWPR Datasheet
1Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40054PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40050 TI-TPS40050 Datasheet
275Kb / 30P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40054 TI1-TPS40054_14 Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI-TPS40060 Datasheet
373Kb / 28P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40050-Q1 TI-TPS40050-Q1 Datasheet
345Kb / 32P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI-TPS40055-EP_15 Datasheet
2Mb / 35P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052 TI-TPS40052 Datasheet
452Kb / 30P
[Old version datasheet]   WIDE INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060EVM TI1-TPS40060EVM Datasheet
1Mb / 37P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40052PWPR TI-TPS40052PWPR Datasheet
851Kb / 33P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40060 TI1-TPS40060_17 Datasheet
1Mb / 39P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40055-EP TI1-TPS40055-EP Datasheet
2Mb / 36P
[Old version datasheet]   WIDE-INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com