Electronic Components Datasheet Search |
|
1571998-1 Datasheet(PDF) 9 Page - Tyco Electronics |
|
1571998-1 Datasheet(HTML) 9 Page - Tyco Electronics |
9 / 30 page Catalogue No. 1308111 Issued 03/2008 Dimensions are in mm and are shown for reference purposes only. Specifications subject to change. www.tycoelectronics.com 8 MLL Series I Low profile 1 up to 3 Make before Break Standard SMT Standard No No 300 mA; 4 Vdc 10,000 ops. 20…+85°C 6.7...9.7 x 2.6 x 1.4 Tube, Tape and Reel Switches Slide Switches SSA Series I Micro size I Instrumentation grade up to 2 2 Make before Break Yes THT Standard No No Gold: 20 mA @ 20 Vdc Silver: 100 mA @ 30 Vac up to 10,000 ops. -20…+80°C 9.0…15.0 x 3.4…5.6 x 4.8 mm Bulk SSJ Series I Micro size I Instrumentation grade 1 3 Make before Break Yes THT Standard No No 100 mA @ 12 Vdc 10,000 ops. -10…+60°C 10.2...15.8 x 4 x 5.5 mm Tray MHS Series I Low profile I Instrumentaion grade up to 2 up to 3 Make before Break Yes THT Standard and Baton No No Gold: 20 mA @ 20 Vdc Silver: 300 mA @ 125 Vac 15,000 ops. -20…+100°C 16.0 x 6.7 x 7.5 mm Tray SLS/SL/SLSA Series I Wiping contact I Consumer grade up to 2 up to 10 Break before Make Yes THT Standard, Lever / Knob Actuator No No SLS/SL: 250 mA @ 125 Vac, 150 mA @ 12 Vdc SLA: 500 mA @ 125 Vac 10,000 ops. SLS/SL: -10…+60°C, SLA: -20…+85°C refer to catalogue Bulk Slide switch Number of poles Number of throws Contact timing Right angle versions Mounting style Actuator style Flush actuator version Tape seal Contact rating Electrical endurance Operating temperature range Dimensions (LxWxH) Packaging Slide switch Number of poles Number of throws Contact timing Right angle versions Mounting style Actuator style Flush actuator version Tape seal Contact rating Electrical endurance Operating temperature range Dimensions (LxWxH) Packaging |
Similar Part No. - 1571998-1 |
|
Similar Description - 1571998-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |