Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB81BA3E Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TSB81BA3E
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB81BA3E Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSB81BA3E Datasheet HTML 7Page - Texas Instruments TSB81BA3E Datasheet HTML 8Page - Texas Instruments TSB81BA3E Datasheet HTML 9Page - Texas Instruments TSB81BA3E Datasheet HTML 10Page - Texas Instruments TSB81BA3E Datasheet HTML 11Page - Texas Instruments TSB81BA3E Datasheet HTML 12Page - Texas Instruments TSB81BA3E Datasheet HTML 13Page - Texas Instruments TSB81BA3E Datasheet HTML 14Page - Texas Instruments TSB81BA3E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
TSB81BA3E
www.ti.com
SLLS783A – MAY 2009 – REVISED MAY 2010
TERMINAL FUNCTIONS (continued)
TERMINAL
PFP
ZAJ
DESCRIPTION
PACKAGE
PACKAGE
NAME
TYPE
NO.
NO.
I/O
PLL 3.3-V circuit power terminal. A combination of high-frequency
decoupling capacitors near the terminal are suggested, such as paralleled
0.1 mF and 0.001 mF. Lower frequency 10-mF filtering capacitors are also
recommended. This supply terminal is separated from the DVDD-CORE,
PLLVDD-
Supply
31
N7
DVDD-3.3, PLLVDD-CORE, and AVDD-3.3 terminals internal to the device
3.3
to provide noise isolation. The DVDD-3.3 terminals must be tied together at
a low-impedance point on the circuit board. The PLLVDD-3.3, AVDD-3.3,
and DVDD-3.3 terminals must be tied together with a low dc impedance
connection.
Logic reset input. Asserting this terminal low resets the internal logic. An
internal pullup resistor to VDD is provided so only an external delay
capacitor is required for proper power-up operation (see power-up reset in
RESET
CMOS
75
A6
I
the Applications Information section).
The RESET terminal also incorporates an internal pulldown, which is
activated when the PD input is asserted high. This input is otherwise a
standard logic input, and can also be driven by an open-drain-type driver.
This terminal must normally be left unconnected. When this terminal is
probed, the terminal shows a 98.304-MHz signal. If this is perceived as an
RSVD
Osc Out
26
M5
O
EMI problem, then the terminal may be pulled to ground through a 10-k
resistor. However, this causes an increase of up to 340 mA in device current
consumption.
Current setting resistor terminals. These terminals are connected to a
R0
23
N3
precision external resistance to set the internal operating currents and cable
Bias
R1
22
N2
driver output currents. A resistance of 6.34 k
Ω, ±1%, is required to meet the
IEEE Std 1394-1995 output voltage limits.
Test control input. This input is used in the manufacturing test of the
SE
CMOS
35
M10
I
TSB81BA3E. For normal use this terminal must be pulled low either through
a 1-k
Ω resistor to GND or directly to GND.
Test control input. This input is used in the manufacturing test of the
SM
CMOS
36
N10
I
TSB81BA3E. For normal use this terminal must be pulled low either through
a 1-k
Ω resistor to GND or directly to GND.
Test control input. This input is used in the manufacturing test of the
TESTM
CMOS
78
A3
I
TSB81BA3E. For normal use this terminal must be pulled high through a
1-k
Ω resistor to VDD.
Voltage regulator power-down input. When asserted logic high, this pin will
power-down the internal 3.3-V to 1.95-V regulator. For single 3.3-V supply
VREG_PD
CMOS
73
B7
I
operation, this pin should be tied to GND. If an external regulator is used to
supply the 1.95-V PLLVDD-CORE and DVDD-CORE power rails this
terminals should be pulled to Vcc through a 1-k
Ω resistor to VDD.
Port-0 twisted-pair differential-signal terminals. Board traces from each pair
TPA0–
45
K13
of positive and negative differential signal terminals must be kept matched
TPA0+
46
J13
Cable
I/O
and as short as possible to the external load resistors and to the cable
TPB0–
41
M13
connector. Request the S800 1394b layout recommendations document
TPB0+
42
L13
from your Texas Instruments representative.
Port-1 twisted-pair differential-signal terminals. Board traces from each pair
TPA1–
52
F13
of positive and negative differential signal terminals must be kept matched
TPA1+
53
E13
Cable
I/O
and as short as possible to the external load resistors and to the cable
TPB1–
48
H13
connector. Request the S800 1394b layout recommendations document
TPB1+
49
G13
from your Texas Instruments representative.
Port-2 twisted-pair differential-signal terminals. Board traces from each pair
TPA2–
58
B13
of positive and negative differential signal terminals must be kept matched
TPA2+
59
A13
Cable
I/O
and as short as possible to the external load resistors and to the cable
TPB2–
55
D13
connector. Request the S800 1394b layout recommendations document
TPB2+
56
C13
from your Texas Instruments representative.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TSB81BA3E


Similar Part No. - TSB81BA3E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI1-TSB81BA3E Datasheet
612Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3EIPFP TI1-TSB81BA3EIPFP Datasheet
612Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3EIZAJ TI1-TSB81BA3EIZAJ Datasheet
612Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3EPFP TI1-TSB81BA3EPFP Datasheet
612Kb / 58P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Similar Description - TSB81BA3E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB81BA3IPFPEP TI1-TSB81BA3IPFPEP Datasheet
711Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B TI-TSB41BA3B Datasheet
1Mb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3 TI-TSB81BA3 Datasheet
810Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
TSB81BA3D TI1-TSB81BA3D_12 Datasheet
682Kb / 61P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3E TI-TSB81BA3E Datasheet
887Kb / 57P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com