Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5747843-3 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 5747843-3
Description  AMPLIMITE Subminiature D Connectors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5747843-3 Datasheet(HTML) 4 Page - Tyco Electronics

  5747843-3 Datasheet HTML 1Page - Tyco Electronics 5747843-3 Datasheet HTML 2Page - Tyco Electronics 5747843-3 Datasheet HTML 3Page - Tyco Electronics 5747843-3 Datasheet HTML 4Page - Tyco Electronics 5747843-3 Datasheet HTML 5Page - Tyco Electronics 5747843-3 Datasheet HTML 6Page - Tyco Electronics 5747843-3 Datasheet HTML 7Page - Tyco Electronics 5747843-3 Datasheet HTML 8Page - Tyco Electronics 5747843-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
41
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
HD-22 and HD-20 Connectors Performance Characteristics
Connector Type
HD-20
Mechanical Characteristics
Durability
.000030 [0.00076] gold—500 cycles
Gold Flash—100 cycles
HD-20
HD-20
Without
With
Grounding
Grounding
Size
Indents
Indents
4.5
30.0
1
[20.02]
[133.5]
7.5
33.0
2
[33.4]
[146.8]
12.5
37.0
3
[55.6]
[164.6]
18.5
40.0
4
[82.3]
[177.9]
25.0
44.0
5
[111.2]
[195.7]
Cable Connectors
Connector Type
HDP-22
HDE-20
HDP-20
Electrical Characteristics
22 AWG
20 AWG
20 AWG
Contact Current Rating
[0.4mm2]
[0.6mm2]
[0.6mm2]
(One pair of contacts)
Wire
3 amperes
7.5 amperes
5.0 amperes
15 milliohms
30 milliohms
15 milliohms
Termination Resistance
(max.)
(max.)
(max.)
Dielectric
Withstanding Voltage
1000 VAC min.
1000 VAC min.
1000 VAC min.
Insulation Resistance
5000 megohms min.
5000 megohms min.
5000 megohms min.
Mechanical Characteristics
3 lb. max.
3 lb. max.
Contact Insertion Force
[13.34 N max.]
N/A
[13.34 N max.]
5 lb. min.
7 lb. min.
10 lb. min.
Contact Retention
[22.24 N min.]
[31.14 N min.]
[44.48 N min.]
Contact Mating Force
(Per contact circuit
8 oz. max.
8 oz. max.
8 oz. max.
pair)
[2.22 N max.]
[2.22 N max.]
[2.22 N max.]
Contact Unmating
Force (Per contact
.75 oz. min.
.75 oz. min.
.75 oz. min.
circuit pair)
[0.209 N min.]
[0.209 N min.
[0.209 N min.]
20 AWG—9.5 lb.
[0.6mm2—42.3 N]
22 AWG—6 lb.
20 AWG—20 lb.
[0.4mm2—26.7 N]
[0.6mm2—89 N]
22 AWG—12 lb.
24 AWG—4 lb.
22 AWG—12 lb.
[0.4mm2—53.4 N]
[0.2mm2—17.79 N]
[0.4mm2—53.4 N]
Tensile Strength
24 AWG—8 lb.
26 AWG—2.5 lb.
24 AWG—8 lb.
[0.2mm2—35.6 N]
[0.15mm2—11.12 N]
[0.2mm2—35.6 N]
26 AWG—4.5 lb.
28 AWG—2.5 lb.
26 AWG—4.5 lb.
[0.15mm2—20.02 N]
[0.08mm2—11.12 N]
[0.15mm2—20.02 N]
28 AWG—2.7 lb.
30 AWG—1 lb.
28 AWG—2.7 lb.
[0.08mm2—12.01 N]
[0.05mm2—4.45 N]
[0.08mm2—12.01 N]
.000030 [0.00076]
.000030 [0.00076]
.000030 [0.00076]
gold—500 cycles
gold—500 cycles
gold—500 cycles
Gold Flash—
Gold Flash—
Gold Flash—
Durability
100 cycles
100 cycles
100 cycles
Environmental Characteristics
Random
Random
Random
Vibration
20 G’s rms max.
20 G’s rms max.
20 G’s rms max.
Physical Shock
50 G’s Duration 11 ms
50 G’s Duration 11 ms
50 G’s Duration 11 ms
Connector Type
HD-20
Electrical Characteristics
Single Contact Current Rating
18 AWG 6.0 amperes
(30°C Rise) Duration 11 ms
24 AWG 4.3 amperes
28 AWG 2.9 amperes
15 milliohms*
Termination Resistance
(max.)
Dielectric
Withstanding Voltage
1000 VAC min.**
Insulation Resistance
5000 megohms min.
Connector
Mating and
Unmating Force
(lbs. max. over
[N max.])
**Stacked Connectors—30 milliohms (max.)
**Stacked Connectors—500 VAC min.
Board Mount Connectors


Similar Part No. - 5747843-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5747840-2 MACOM-5747840-2 Datasheet
179Kb / 1P
   PLUG ASSEMBLY, SIZE 1, 9 POS, RIGHT ANGLE, FRONT METAL SHELL, .318 SERIES, AMPLIMITE HD-20
5747840-3 MACOM-5747840-3 Datasheet
179Kb / 1P
   PLUG ASSEMBLY, SIZE 1, 9 POS, RIGHT ANGLE, FRONT METAL SHELL, .318 SERIES, AMPLIMITE HD-20
5747840-4 MACOM-5747840-4 Datasheet
179Kb / 1P
   PLUG ASSEMBLY, SIZE 1, 9 POS, RIGHT ANGLE, FRONT METAL SHELL, .318 SERIES, AMPLIMITE HD-20
5747840-5 MACOM-5747840-5 Datasheet
179Kb / 1P
   PLUG ASSEMBLY, SIZE 1, 9 POS, RIGHT ANGLE, FRONT METAL SHELL, .318 SERIES, AMPLIMITE HD-20
5747840-6 MACOM-5747840-6 Datasheet
179Kb / 1P
   PLUG ASSEMBLY, SIZE 1, 9 POS, RIGHT ANGLE, FRONT METAL SHELL, .318 SERIES, AMPLIMITE HD-20
More results

Similar Description - 5747843-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5787190-5 MACOM-5787190-5 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
050 MACOM-050 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
logo
TE Connectivity Ltd
HD-20 TEC-HD-20 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
543424-1 MACOM-543424-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com