Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1734285-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 1734285-1
Description  AMPLIMITE Subminiature D Connectors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1734285-1 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 1734285-1 Datasheet HTML 2Page - Tyco Electronics 1734285-1 Datasheet HTML 3Page - Tyco Electronics 1734285-1 Datasheet HTML 4Page - Tyco Electronics 1734285-1 Datasheet HTML 5Page - Tyco Electronics 1734285-1 Datasheet HTML 6Page - Tyco Electronics 1734285-1 Datasheet HTML 7Page - Tyco Electronics 1734285-1 Datasheet HTML 8Page - Tyco Electronics 1734285-1 Datasheet HTML 9Page - Tyco Electronics 1734285-1 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
43
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
AMPLIMITE HD-20 Subminiature D Stacked PCB Connectors
Hybrid and Mixed Styles
AMPLIMITE HD-20
Subminiature D Stacked
PCB Connectors are mem-
bers of the complete line of
AMPLIMITE Subminiature D
Connector family which
has been accepted by the
electronic industry for their
rugged design and ease of
application.
Stacked connectors add
the advantage of reducing
overall board real estate
normally consumed by indi-
vidual pcb connectors. The
versatility of the AMPLIMITE
HD-20 line enables you to
select the stacked connec-
tor best suited for your spe-
cific application.
AMPLIMITE HD-20 Stacked
Connectors, Series II offer a
high degree of performance
and a reduced cost. The
line consists of:
I
Receptacle over
Receptacle in 9/9, 15/15,
25/25 and 37/37 contact
positions
I
Plug over Plug in 9/9,
15/15, 25/25 and 37/37
contact positions
I
Receptacle over Plug in
9/9, 15/15, 25/25 and
37/37 contact positions
I
Plug over Receptacle
in a total of 9/9,15/15,
25/25 and 37/37 contact
positions
Configurations are available
with a choice of mounting
hardware—4-40 threaded
inserts and female
screwlocks.
Hybrid and Mixed Styles
AMPLIMITE Hybrid and
Mixed Stacked Connectors
combine a variety of
subminiature D connector
configurations into a single
connector. This permits
mixing signal speeds with
a substantial reduction in pc
board real estate.
All AMPLIMITE Stacked and
Mixed PCB Connectors fea-
ture front metal-shells for
EMI/RFI shielding, with
housings made of UL 94V-0
approved material. The
series offers gold plating in
30µ", 10µ" and gold flash on
the mating end and tin plat-
ing on the termination end,
with the entire contact
nickel underplated.
Due to the versatility of the
AMPLIMITE Hybrid and
Mixed lines of connectors
any combination with
an AMPLIMITE HD-20
Connector as the top con-
nector, HD-22 High Density,
and AMPLIMITE .050 Series
as the bottom connector can
be provided based on your
application requirements.
Contact TE for additional
information.
Product Facts
I
Stacked pcb connectors
save board real estate
I
Wide choice of configura-
tions available
I
Front Metal-Shells for
EMI/RFI shielding
I
Housings made of UL 94V-0
rated thermoplastic
I
Plug connectors have built-
in grounding indents
I
Choice of 4-40 threaded
insert or female screwlock
mating hardware
I
Hybrid styles provide maxi-
mum selectivity and permit
mixing of signal speeds
I
Packaged in plastic trays for
ease of handling
I
Recognized under the
Component Program of
the Underwriters
Laboratories, Inc.
File No. 28476
I
Certified by Canadian
Standards
Association,
File No. LR 7189
See customer drawings for pcb
layouts.
R
R


Similar Part No. - 1734285-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1734285-1 MACOM-1734285-1 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
More results

Similar Description - 1734285-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5787190-5 MACOM-5787190-5 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
050 MACOM-050 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
logo
TE Connectivity Ltd
HD-20 TEC-HD-20 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
543424-1 MACOM-543424-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com