Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1734286-1 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 1734286-1
Description  Right-Angle Posted Connectors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1734286-1 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 1734286-1 Datasheet HTML 7Page - Tyco Electronics 1734286-1 Datasheet HTML 8Page - Tyco Electronics 1734286-1 Datasheet HTML 9Page - Tyco Electronics 1734286-1 Datasheet HTML 10Page - Tyco Electronics 1734286-1 Datasheet HTML 11Page - Tyco Electronics 1734286-1 Datasheet HTML 12Page - Tyco Electronics 1734286-1 Datasheet HTML 13Page - Tyco Electronics 1734286-1 Datasheet HTML 14Page - Tyco Electronics 1734286-1 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
48
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
AMPLIMITE HD-20 Subminiature D Stacked PCB Connectors
Hybrid and Mixed Styles (Continued)
HD-20 Front Metal Shell,
Right-Angle Connectors
Material and Finish:
Housing—94V-0 rated PBT, see table
Contacts—Phosphor bronze or brass
HD22 Receptacle
Contact Plating—
Gold flash on contact area, tin on solder
tail area, all over nickel underplated
Audio Jack—.000100 [.00254] min.
tin over nickel underplate
15 Position HD-20 Receptacle
over 3 Position Audio Plug
Description
Part Number
PC 99
With female screwlocks & color-coded audio1
1734287-2
With color-coded audio1
1-1734287-2
With color-coded audio1
1-1734287-3
With female screwlocks & back cover & color-coded audio1
2-1734287-3
With female screwlocks & color-coded audio1
3-1734287-3
1
Color coded audio:
Audio line in — light blue
Audio line out — lime
Microphone — pink
High-Rise Connectors
Material and Finish:
Housing—94V-0 rated thermoplastic,
burgundy
Contacts—Phosphor bronze
Contact Plating:
A—.000010 [.000254] gold on mating
area, tin on solder tails, all over nickel
High-Rise 25 Position
HD-20 Receptacle
Dimension S
Plating Code
Part Number
PC 99
.236
A—
2-1734024-3
6.00
S


Similar Part No. - 1734286-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1734286-1 MACOM-1734286-1 Datasheet
978Kb / 37P
   AMPLIMITE Subminiature D Connectors
More results

Similar Description - 1734286-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5745395-2 MACOM-5745395-2 Datasheet
1Mb / 37P
   Right-Angle Posted Connectors
5749234-3 MACOM-5749234-3 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
5745183-1 MACOM-5745183-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
Adam Technologies, Inc.
RF1-01-P-00-50 ADAM-TECH-RF1-01-P-00-50 Datasheet
95Kb / 1P
   RIGHT ANGLE BNC CONNECTORS
logo
Hirose Electric
RDBD-25S HIROSE-RDBD-25S Datasheet
722Kb / 12P
   RIGHT-ANGLE TYPE CONNECTORS
RDBB-25P-LN HIROSE-RDBB-25P-LN Datasheet
197Kb / 4P
   RIGHT ANGLE TYPE CONNECTORS
logo
Adam Technologies, Inc.
RF1-01-P-00-50-M-HDW ADAM-TECH-RF1-01-P-00-50-M-HDW Datasheet
95Kb / 1P
   RIGHT ANGLE BNC CONNECTORS
logo
Tyco Electronics
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
   MTA 156 POSTED CONNECTOR ASSEMBLY
logo
Glenair, Inc.
GMR7590-9P1ANN GLENAIR-GMR7590-9P1ANN Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
logo
DDK Ltd.
57RE DDK-57RE Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com