Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1734286-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1734286-2
Description  AMPLIMITE Subminiature D Connectors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1734286-2 Datasheet(HTML) 5 Page - Tyco Electronics

  1734286-2 Datasheet HTML 1Page - Tyco Electronics 1734286-2 Datasheet HTML 2Page - Tyco Electronics 1734286-2 Datasheet HTML 3Page - Tyco Electronics 1734286-2 Datasheet HTML 4Page - Tyco Electronics 1734286-2 Datasheet HTML 5Page - Tyco Electronics 1734286-2 Datasheet HTML 6Page - Tyco Electronics 1734286-2 Datasheet HTML 7Page - Tyco Electronics 1734286-2 Datasheet HTML 8Page - Tyco Electronics 1734286-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
42
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Plug/Receptacle Mating and Panel Mounting Specifications
Plug/Receptacle Mating
Panel Mounting
The .265 [6.73] dimension
is required to assure full
mating of connector halves.
This dimension must be
taken into consideration
when determining the
method of mounting, panel
thickness, etc.
Cutout for Rear Mount and
Short Latching Block
Most plugs and receptacles
can be mounted to a panel
from either the front or rear,
using a variety of accessory
hardware. Posted receptacles
are rear panel mounted only.
Typical examples are shown
below.
Typical Front-Panel Mounted
Subminiature D Plug
Typical Rear-Panel Mounted
Subminiature D Receptacle
Shell
Mounting
Size
Method
Dimensions
(Pos.)
Front/Rear
A
BCD
E
F
*H*
*J*
K
Panel
.984
.492
.874
.437
.513
.257
.083
1
Front
24.99
12.50
22.20
11.10
13.03
6.53
——
2.11
(9)
.984
.492
.806
.403
.449
.225
.550
.750
.132
Rear
24.99
12.50
20.47
10.24
11.41
5.72
13.97
19.05
3.35
1.312
.656
1.202
.601
.513
.257
.083
2
Front
33.33
16.66
30.53
15.27
13.03
6.53
——
2.11
(15)
1.312
.656
1.134
.567
.449
.225
.730
.750
.132
Rear
33.33
16.66
28.80
14.40
11.41
5.72
18.54
19.05
3.35
1.852
.926
1.743
.872
.513
.257
.083
3
Front
47.04
23.52
44.27
22.15
13.03
6.53
——
2.11
(25)
1.852
.926
1.674
.837
.449
.225
1.275
.750
.132
Rear
47.04
23.52
42.52
21.26
11.41
5.72
32.39
19.05
3.35
2.500
1.250
2.391
1.196
.513
.257
.083
4
Front
63.50
31.75
60.73
30.38
13.03
6.53
——
2.11
(37)
2.500
1.250
2.326
1.163
.449
.225
1.920
.750
.132
Rear
63.50
31.75
59.08
29.54
11.41
5.72
46.05
16.13
3.35
2.406
1.203
2.297
1.149
.623
.312
.083
5
Front
61.11
30.56
58.34
29.19
15.82
7.93
——
2.11
(50)
2.406
1.203
2.218
1.109
.555
.278
1.753
.750
.132
Rear
61.11
30.56
56.34
28.17
14.10
7.06
44.52
19.05
3.35
**Panel cutout configuration with H and J dimensions provides clearance for mounting connectors with cable clamps.
**This dimension is .190±002 [4.83±0.05] when posted connectors with fixed female screwlocks are rear-panel mounted.
Note: Cutouts are for either plug or receptacle, front or rear panel mount.
.265±.015
[6.73±0.381]
for Shell Sizes 1 and 2
.256±.015
[6.50±0.381]
for Shell Sizes 3, 4 and 5
Receptacle
(Typ.)
10°±2
(2 Pls.)
K Radius
(4 Pls.)
.120±.002
Dia.**
[3.05±0.050]
Dia.**
Typ. (2 Pls.)
A
B
C
D
F
E
H*
J*
Plug
(Typ.)
A
.040
Dia.
[1.02]
Dia.
Typ. (2 Holes)
.129 ± .002
[3.28± 0.050]


Similar Part No. - 1734286-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1734286-2 MACOM-1734286-2 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
More results

Similar Description - 1734286-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5787190-5 MACOM-5787190-5 Datasheet
922Kb / 32P
   AMPLIMITE Subminiature D Connectors
050 MACOM-050 Datasheet
1Mb / 32P
   AMPLIMITE Subminiature D Connectors
logo
TE Connectivity Ltd
HD-20 TEC-HD-20 Datasheet
393Kb / 14P
   AMPLIMITE Subminiature D Connectors
logo
Tyco Electronics
543424-1 MACOM-543424-1 Datasheet
25Kb / 1P
   AMPLIMITE Subminiature D Type Connectors
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com