Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3163SM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MOC3163SM
Description  6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3163SM Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button MOC3163SM Datasheet HTML 2Page - Fairchild Semiconductor MOC3163SM Datasheet HTML 3Page - Fairchild Semiconductor MOC3163SM Datasheet HTML 4Page - Fairchild Semiconductor MOC3163SM Datasheet HTML 5Page - Fairchild Semiconductor MOC3163SM Datasheet HTML 6Page - Fairchild Semiconductor MOC3163SM Datasheet HTML 7Page - Fairchild Semiconductor MOC3163SM Datasheet HTML 8Page - Fairchild Semiconductor MOC3163SM Datasheet HTML 9Page - Fairchild Semiconductor MOC3163SM Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
5/29/03
Page 6 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP ZERO-CROSS
PHOTOTRIAC DRIVER OPTOCOUPLER
(600V PEAK)
MOC3061-M
MOC3062-M
MOC3063-M
MOC3162-M
MOC3163-M
1. 100x scope probes are used, to allow high speeds and voltages.
2. The worst-case condition for static dv/dt is established by triggering the D.U.T. with a normal LED input current, then removing
the current. The variable vernier resistor combined with various capacitor combinations allows the dv/dt to be gradually
increased until the D.U.T. continues to trigger in response to the applied voltage pulse, even after the LED current has been
removed. The dv/dt is then decreased until the D.U.T. stops triggering.
τRC is measured at this point and recorded.
BASIC APPLICATIONS
Typical circuit for use when hot line switching is required. In this
circuit the "hot" side of the line is switched and the load connected
to the cold or neutral side. The load may be connected to either the
neutral or hot line.
Rin is calculated so that IF is equal to the rated IFT of the part, 15
mA for the MOC3061-M, 10 mA for the MOC3062-M, or 5 mA for
the MOC3063-M. The 39 ohm resistor and 0.01 µF capacitor are
for snubbing of the triac and is often, but not always,
necessary depending upon the particular triac and load
used.
Suggested method of firing two, back-to-back SCR’s
with a Fairchild triac driver. Diodes can be 1N4001;
resistors, R1 and R2, are optional 330 ohm.
Note: This optoisolator should not be used to drive a
load directly. It is intended to be a trigger device only.
27
2W
2W
100
2W
dV
dt
VERNIER
MOUNT DUT ON
TEMPERATURE CONTROLLED
C
µ PLATE
DIFFERENTIAL
PREAMP
f = 10 Hz
PW = 100
µs
50
Ω PULSE
GENERATOR
ALL COMPONENTS ARE NON-INDUCTIVE UNLESS SHOWN
82
2W
470pF
0.001
0.005
0.01
0.047
0.47
0.1
56
2W
1N914
20V
1000
1/4W
1N967A
18V
RFP4N100
DUT
20k
X100 PROBE
X100 PROBE
VDRM/VRRM SELECT
6
4
1
2
1000
10 WATT
WIREWOUND
0.33
1000V
POWER
1 MEG
2W EACH
1.2 MEG
2W
TEST
0-1000V
10mA
0.047
1000V
Figure 9. Circuit for Static
dV
Measurement of Power Thyristors
dt
Figure 10. Hot-Line Switching Application Circuit
0.01
µF
VCC
Rin
1
2
3
6
5
4
240 VAC
HOT
NEUTRAL
360
360
MOC3061-M
MOC3062-M
MOC3063-M
39
FKPF12N60
LOAD
Figure 11. Inverse-Parallel SCR Driver Circuit
VCC
Rin
1
2
3
6
5
4
115 VAC
SCR
360
R1
D1
SCR
MOC3061-M
MOC3062-M
MOC3063-M
R2
D2
LOAD


Similar Part No. - MOC3163SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3163-M FAIRCHILD-MOC3163-M Datasheet
538Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
MOC3163M FAIRCHILD-MOC3163M Datasheet
278Kb / 11P
   The MOC306XM and MOC316XM devices consist of a GaAs infrared emitting diode optically coupled to a monolithic silicon detector performing the function of a zero voltage crossing bilateral triac driver.
logo
ON Semiconductor
MOC3163M ONSEMI-MOC3163M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
MOC3163M ONSEMI-MOC3163M Datasheet
274Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
More results

Similar Description - MOC3163SM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3061-M FAIRCHILD-MOC3061-M_05 Datasheet
538Kb / 10P
   6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
logo
CT Micro International ...
CT3061 CTMICRO-CT3061 Datasheet
966Kb / 12P
   600V/800V Zero Cross 6-Pin Phototriac Optocoupler
logo
ON Semiconductor
MOC3081M ONSEMI-MOC3081M_V01 Datasheet
343Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2022 - Rev. 2
MOC3061M ONSEMI-MOC3061M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
MOC3081M ONSEMI-MOC3081M Datasheet
320Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2019 ??Rev. 1
MOC3061M ONSEMI-MOC3061M_V01 Datasheet
274Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
logo
CT Micro International ...
CT3061-5L CTMICRO-CT3061-5L Datasheet
954Kb / 10P
   600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CT3031 CTMICRO-CT3031 Datasheet
969Kb / 12P
   250V/400V Zero Cross 6-Pin Phototriac Optocoupler
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com