Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3010SR2M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MOC3010SR2M
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3010SR2M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOC3010SR2M Datasheet HTML 1Page - Fairchild Semiconductor MOC3010SR2M Datasheet HTML 2Page - Fairchild Semiconductor MOC3010SR2M Datasheet HTML 3Page - Fairchild Semiconductor MOC3010SR2M Datasheet HTML 4Page - Fairchild Semiconductor MOC3010SR2M Datasheet HTML 5Page - Fairchild Semiconductor MOC3010SR2M Datasheet HTML 6Page - Fairchild Semiconductor MOC3010SR2M Datasheet HTML 7Page - Fairchild Semiconductor MOC3010SR2M Datasheet HTML 8Page - Fairchild Semiconductor MOC3010SR2M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PACKAGE
SCHEMATIC
4/30/03
Page 1 of 10
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVER OUTPUT
(250/400 VOLT PEAK)
MOC3010M MOC3011M
MOC3012M
MOC3020M
MOC3021M
MOC3022M
MOC3023M
DESCRIPTION
The MOC301XM and MOC302XM series are optically isolated triac driver devices. These devices contain a GaAs infrared
emitting diode and a light activated silicon bilateral switch, which functions like a triac. They are designed for interfacing between
electronic controls and power triacs to control resistive and inductive loads for 115 VAC operations.
FEATURES
Excellent IFT stability—IR emitting diode has low degradation
High isolation voltage—minimum 5300 VAC RMS
Underwriters Laboratory (UL) recognized—File #E90700
Peak blocking voltage
– 250V-MOC301XM
– 400V-MOC302XM
VDE recognized (File #94766)
– Ordering option V (e.g. MOC3023VM)
APPLICATIONS
Industrial controls
• Solenoid/valve controls
Traffic lights
• Static AC power switch
Vending machines
• Incandescent lamp dimmers
Solid state relay
• Motor control
Lamp ballasts
6
1
6
6
1
1
MAIN TERM.
NC*
N/C
*DO NOT CONNECT
(TRIAC SUBSTRATE)
1
2
3
ANODE
CATHODE
4
5
6 MAIN TERM.


Similar Part No. - MOC3010SR2M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MOC3010SR2M ONSEMI-MOC3010SR2M Datasheet
348Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
MOC3010SR2M ONSEMI-MOC3010SR2M Datasheet
333Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler (250/400 V Peak)
June, 2023 - Rev. 3
More results

Similar Description - MOC3010SR2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010 FAIRCHILD-MOC3010 Datasheet
185Kb / 7P
   6-Pin DIP Random-Phoase Optoisolators Triac Driver Output (250 Volts Peak)
2000
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M_V01 Datasheet
333Kb / 12P
   6-Pin DIP Random-Phase Triac Driver Output Optocoupler (250/400 V Peak)
June, 2023 - Rev. 3
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com