Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD1819A-RT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MSD1819A-RT1
Description  NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSD1819A-RT1 Datasheet(HTML) 4 Page - Motorola, Inc

  MSD1819A-RT1 Datasheet HTML 1Page - Motorola, Inc MSD1819A-RT1 Datasheet HTML 2Page - Motorola, Inc MSD1819A-RT1 Datasheet HTML 3Page - Motorola, Inc MSD1819A-RT1 Datasheet HTML 4Page - Motorola, Inc MSD1819A-RT1 Datasheet HTML 5Page - Motorola, Inc MSD1819A-RT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MSD1819A-RT1 MSD1819A-ST1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
mm
inches
0.035
0.9
0.075
0.7
1.9
0.028
0.65
0.025
0.65
0.025
SC–70/SOT–323 POWER DISSIPATION
The power dissipation of the SC–70/SOT–323 is a function
of the pad size. This can vary from the minimum pad size for
soldering to the pad size given for maximum power
dissipation. Power dissipation for a surface mount device is
determined by TJ(max), the maximum rated junction tempera-
ture of the die, R
θJA, the thermal resistance from the device
junction to ambient; and the operating temperature, TA.
Using the values provided on the data sheet, PD can be
calculated as follows.
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this
case is 150 milliwatts.
PD =
150
°C – 25°C
833
°C/W
= 150 milliwatts
The 833
°C/W assumes the use of the recommended
footprint on a glass epoxy printed circuit board to achieve a
power dissipation of 150 milliwatts. Another alternative would
be to use a ceramic substrate or an aluminum core board
such as Thermal Clad
™. Using a board material such as
Thermal Clad, a power dissipation of 300 milliwatts can be
achieved using the same footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within a
short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
Always preheat the device.
The delta temperature between the preheat and
soldering should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering method,
the difference should be a maximum of 10
°C.
The soldering temperature and time should not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the
maximum temperature gradient should be 5
°C or less.
After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and result
in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied during
cooling
* Soldering a device without preheating can cause excessive
thermal shock and stress which can result in damage to the
device.


Similar Part No. - MSD1819A-RT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MSD1819A-RT1 ONSEMI-MSD1819A-RT1 Datasheet
101Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
REV 2
MSD1819A-RT1 ONSEMI-MSD1819A-RT1 Datasheet
215Kb / 4P
   General Purpose Amplifier Transistor
October, 2010 -- Rev. 7
MSD1819A-RT1G ONSEMI-MSD1819A-RT1G Datasheet
215Kb / 4P
   General Purpose Amplifier Transistor
October, 2010 -- Rev. 7
MSD1819A-RT1G ONSEMI-MSD1819A-RT1G Datasheet
63Kb / 4P
   General Purpose Amplifier Transistor
May, 2016 ??Rev. 10
MSD1819A-RT1 ONSEMI-MSD1819A-RT1_10 Datasheet
215Kb / 4P
   General Purpose Amplifier Transistor
October, 2010 -- Rev. 7
More results

Similar Description - MSD1819A-RT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MSD601-RT1 LRC-MSD601-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
MSD601-RT1 ONSEMI-MSD601-RT1 Datasheet
48Kb / 4P
   NPN General Purpose Amplifier Transistors Surface Mount
January, 2006 ??Rev. 7
MSD601-RT1 ONSEMI-MSD601-RT1_12 Datasheet
85Kb / 3P
   NPN General Purpose Amplifier Transistors Surface Mount
July, 2012 ??Rev. 9
logo
Motorola, Inc
2SC4617 MOTOROLA-2SC4617 Datasheet
128Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
MSD601RT1 MOTOROLA-MSD601RT1 Datasheet
110Kb / 4P
   NPN General Purpose Amplifier Transistors Surface Mount?
logo
ON Semiconductor
MSD1819A-RT1 ONSEMI-MSD1819A-RT1 Datasheet
101Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
REV 2
logo
E-Tech Electronics LTD
MSD601 ETL-MSD601 Datasheet
78Kb / 1P
   NPN General Purpose Amplifier Transistors Surface Mount
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617_04 Datasheet
48Kb / 4P
   NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
July, 2004 ??Rev. 4
MMBT3904WT1 ONSEMI-MMBT3904WT1 Datasheet
296Kb / 12P
   GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
logo
Motorola, Inc
MSB710QT1 MOTOROLA-MSB710QT1 Datasheet
125Kb / 6P
   PNP General Purpose Amplifier Transistors Surface Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com