Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3031SR2M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MOC3031SR2M
Description  6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3031SR2M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOC3031SR2M Datasheet HTML 1Page - Fairchild Semiconductor MOC3031SR2M Datasheet HTML 2Page - Fairchild Semiconductor MOC3031SR2M Datasheet HTML 3Page - Fairchild Semiconductor MOC3031SR2M Datasheet HTML 4Page - Fairchild Semiconductor MOC3031SR2M Datasheet HTML 5Page - Fairchild Semiconductor MOC3031SR2M Datasheet HTML 6Page - Fairchild Semiconductor MOC3031SR2M Datasheet HTML 7Page - Fairchild Semiconductor MOC3031SR2M Datasheet HTML 8Page - Fairchild Semiconductor MOC3031SR2M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.fairchildsemi.com
MOC3031M, MOC3032M, MOC3033M, MOC3041M, MOC3042M, MOC3043M Rev. 1.0.1
Absolute Maximum Ratings (TA = 25°C unless otherwise noted)
Note
1. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are
common.
Electrical Characteristics (TA = 25°C Unless otherwise specified)
Individual Component Characteristics
Transfer Characteristics (TA = 25°C Unless otherwise specified.)
Parameters
Symbol
Device
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
All
-40 to +150
°C
Operating Temperature
TOPR
All
-40 to +85
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
Junction Temperature Range
TJ
All
-40 to +100
°C
Isolation Surge Voltage(1)
(peak AC voltage, 60Hz, 1 sec duration)
VISO
All
7500
Vac(pk)
Total Device Power Dissipation @ 25°C
Derate above 25°C
PD
All
250
mW
2.94
mW/°C
EMITTER
Continuous Forward Current
IF
All
60
mA
Reverse Voltage
VR
All
6
V
Total Power Dissipation 25°C Ambient
Derate above 25°C
PD
All
120
mW
1.41
mW/°C
DETECTOR
Off-State Output Terminal Voltage
VDRM
MOC3031M/2M/3M
250
V
MOC3041M/2M/3M
400
Peak Repetitive Surge Current (PW = 100 µs, 120 pps)
ITSM
All
1
A
Total Power Dissipation @ 25°C Ambient
Derate above 25°C
PD
All
150
mW
All
1.76
mW/°C
Parameters
Test Conditions
Symbol Device
Min
Typ
Max Units
EMITTER
Input Forward Voltage
IF = 30 mA
VF
All
1.25
1.5
V
Reverse Leakage Current
VR = 6 V
IR
All
0.01
100
µA
DETECTOR
Peak Blocking Current, Either Direction
Rated VDRM, IF = 0 (note 1)
IDRM1
All
100
nA
Peak On-State Voltage, Either Direction
ITM = 100 mA peak, IF = 0
VTM
All
1.8
3
V
Critical Rate of Rise of Off-State Voltage
IF = 0 (Figure 9, note 3)
dv/dt
All
1000
V/µs
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ
Max
Units
LED Trigger Current
Main terminal voltage = 3V
(note 2)
IFT
MOC3031M/
MOC3041M
15
mA
MOC3032M/
MOC3042M
10
MOC3033M/
MOC3043M
5
Holding Current, Either Direction
IH
All
400
µA


Similar Part No. - MOC3031SR2M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MOC3031SR2M ONSEMI-MOC3031SR2M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
More results

Similar Description - MOC3031SR2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com