Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF04T Datasheet(PDF) 11 Page - Tyco Electronics

Part # ADF04T
Description  DIP Switches
Download  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADF04T Datasheet(HTML) 11 Page - Tyco Electronics

Back Button ADF04T Datasheet HTML 7Page - Tyco Electronics ADF04T Datasheet HTML 8Page - Tyco Electronics ADF04T Datasheet HTML 9Page - Tyco Electronics ADF04T Datasheet HTML 10Page - Tyco Electronics ADF04T Datasheet HTML 11Page - Tyco Electronics ADF04T Datasheet HTML 12Page - Tyco Electronics ADF04T Datasheet HTML 13Page - Tyco Electronics ADF04T Datasheet HTML 14Page - Tyco Electronics ADF04T Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 326 page
background image
A11
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
7000 Series
DIP Switches
Alcoswitch 7000 Series DIP
switches are available in
standard single pole, single
throw; side actuated, single
pole, single throw and
multiple series versions.
Contacts are made of high
strength copper alloy with
.000030 [0.00076] gold over
.000050 [0.00127] nickel
plating in contact area and
legs plated to meet Tyco
Electronics Solderability
Specification 109-11-3.
The multiple series switches
offer the unique feature of
single pole switches
coupled mechanically to
provide switching of various
poles simultaneously. This
allows flexibility in
programming.
Multipole switches are
available with or without
lever-actuated rockers and
in a variety of configurations
in addition to those listed.
The maximum number of
poles that can be ganged is
six.
Performance Characteristics
Current and Voltage Rating:
Nonswitching — 1.5 amperes max. at 50 VDC
Switching — 100 milliamperes max at 5 VDC (resistive load);
25 milliamperes max. at 24 VDC (resistive load)
Contact Resistance, Dry Circuit:
100 milliohms max. (end of life) and 50 milliohms (initial) at 50 mV open
circuit, 50 milliamperes
Insulation Resistance:
1 x 109 ohms min. at 100 VDC (initial)
Dielectric Withstanding Voltage:
500 VDC min. at standard atmosphereic conditions
Capacitance:
5 picofarads max.
Temperature Rating:
Nonoperating — -73.3°C to +105°C
Operating — -55°C to +105°C
Vibration:
Discontinuities shall not exceed 10 microseconds when subjected to
10-2000-10 Hz transversing for 20 minutes at .060 [1.52] inches total
excursion
Shock:
No physical damage or discontinuities greater than 10 microseconds
when tested with .10 ampere current applied per Tyco Electronics
Specification 109-26, Condition A
Humidity:
Withstands an environment of +40°C and 95% RH for 96 hours
Durability:
No physical damage or contact resistance greater than 100 milliohms
up to 7000 cycles of actuation with a resistive load of 24 VDC and 25
milliamperes max. current applied
Terminal Strength (Bend Test):
Two (2) 45° bend cycles per MIL-STD-202, Method 211, Condition B
Materials
Housing:
Glass-filled polyester, 94V-0 rated, black
Rocker:
Thermoplastic, 94V-0 rated, white
Spring Contacts and Leads:
Copper alloy with .000030 [0.00076] gold over .000050 [0.00127] nickel
in contact area and .000150 [0.00381] tin-lead over .000050 [0.00127]
nickel on solder legs, plated to meet Tyco Electronics Solderability
Specification 109-11-3.
Technical Documents
Product Specification:
108-7519
Instruction Sheet:
408-07779
Application Specification:
114-1056


Similar Part No. - ADF04T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ADF0404 MACOM-ADF0404 Datasheet
2Mb / 30P
   Switches Core Program
ADF04ST04 MACOM-ADF04ST04 Datasheet
321Kb / 3P
   DIP SWITCH, ADF-SMT SERIES
ADF04STTR04 MACOM-ADF04STTR04 Datasheet
2Mb / 30P
   Switches Core Program
More results

Similar Description - ADF04T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-435626-4 MACOM-4-435626-4 Datasheet
6Mb / 326P
   DIP Switches
logo
CTS Corporation
CT2062-ND CTS-CT2062-ND Datasheet
328Kb / 1P
   DIP Switches
logo
Tyco Electronics
7000 MACOM-7000 Datasheet
257Kb / 6P
   DIP Switches
logo
E-SWITCH
KAS E-SWITCH-KAS Datasheet
147Kb / 2P
   SLIDE DIP SWITCHES
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
E-SWITCH
KAS1108R E-SWITCH-KAS1108R Datasheet
884Kb / 2P
   SLIDE DIP SWITCHES
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
   PIANO DIP SWITCHES
logo
Tyco Electronics
53137-5 MACOM-53137-5 Datasheet
655Kb / 1P
   DIP Switches - Preprogrammed
logo
E-SWITCH
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
   PIANO DIP SWITCHES
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com