Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

684MABA02KH Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 684MABA02KH
Description  AC/Motor Run Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

684MABA02KH Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  684MABA02KH Datasheet HTML 1Page - Illinois Capacitor, Inc. 684MABA02KH Datasheet HTML 2Page - Illinois Capacitor, Inc. 684MABA02KH Datasheet HTML 3Page - Illinois Capacitor, Inc. 684MABA02KH Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Good dvdt High frequency electronic ballasts Motor run SMPS
Motor speed control
APPLICATIONS
General purpose AC application Switching capacitor for industrial controls
MAB
AC/Motor Run Film Capacitors
Operating Temperature Range
40°C to +105°C without use of approvals
Range -25°C to +85°C for use of approvals
Capacitance Tolerance
±10% at 1 kHz, 20°C
Rated Voltage
See Voltage Code Table.
Voltage must be derated by 1.25% per °C exceeding 85°C.
Self Inductance
<1 nano-Henry per mm of body length and lead length
Dissipation Factor
(max) at 20°C
Freq (kHz)
C≤2.2μF
2.2μF<C≤15μF
15μF<C≤22μF
C>22μF
1
.06%
.1%
.12%
.14%
Insulation Resistance
@20°C (<70% RH)
for 1 minute at 100VDC
> 10,000MΩ x μF for C<1μF.
> 3,000MΩ x μF for C≥1μF.
Dialectric Strength
160% of rated VAC for 60 seconds at 20°C between leads.
200% of rated VAC for 60 seconds at 20°C between leads.
for EN 60252-1 approval.
3KV at 60HZ for 60 seconds between leads and case.
Self Inductance
<1nH/mm of lead spacing and lead wire length.
Capacitance Drift
<1.0% up to 40°C after 2 years
Temperature Coefficient
-200ppm/ °C +/- 100ppm/ °C
Load Life Test
Capacitance Change ≤3%
125% of rated voltage at +85°C
200 hrs. for Class D (1,000 hours expected life, continuous service)
600 hrs. for Class C (3,000 hours expected life, continuous service)
2,000 hrs. for Class B (10,000 hours expected life, continuous service)
6,000 hrs. for Class A (30,000 hours expected life, continuous service)
Dielectric
Polypropylene
Electrodes
Vacuum Deposited Metal Layers
Construction
Metallized Film
Leads
Solid or Stranded Tinned Copper Wire
Coating
Solvent resistant plastic box (UL 94-V1) with epoxy fills (UL 94V-0)
Your Global Source for World-Class Capacitors
© 2013 Illinois Capacitor, Inc.
ILLINOIS CAPACITOR, INC.
®
North America
Asia
Tel: 847.675.1760
Tel: 852.2793 0931
sales@illcap.com
sales@illcap.com.hk


Similar Part No. - 684MABA02KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
684MABA02KH ILLINOISCAPACITOR-684MABA02KH Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
684MABA02KH ILLINOISCAPACITOR-684MABA02KH Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
More results

Similar Description - 684MABA02KH

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA05KG ILLINOISCAPACITOR-104MABA05KG Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com