Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOCP200QK Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TOCP200QK
Description  Fiber-Optic Devices Toslink
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOCP200QK Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TOCP200QK Datasheet HTML 4Page - Toshiba Semiconductor TOCP200QK Datasheet HTML 5Page - Toshiba Semiconductor TOCP200QK Datasheet HTML 6Page - Toshiba Semiconductor TOCP200QK Datasheet HTML 7Page - Toshiba Semiconductor TOCP200QK Datasheet HTML 8Page - Toshiba Semiconductor TOCP200QK Datasheet HTML 9Page - Toshiba Semiconductor TOCP200QK Datasheet HTML 10Page - Toshiba Semiconductor TOCP200QK Datasheet HTML 11Page - Toshiba Semiconductor TOCP200QK Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Optical Tranceiving Module with PN Connector (TODX2801)
Optical Tranceiving Module with SMI Connector (TODX2402)
Optical Modules for High-Speed Data Transmission
External appearance of optical
tranceiving module TODX2402
Optical modules for high-speed data transmission support two types of optical connectors, small multi-
media interface (SMI) and premises network (PN).
The SMI optical connector is designed for use in digital home appliances and enables bi-directional
(duplex) optical communication with its size as small as the simplex optical connector used for home
digital audio equipment.
The PN optical connector is the modification of JIS F07 optical connector which has achieved success
in industry application.
External appearance of optical
tranceiving module TODX2801
Note : Since the TODX2801 is currently under development, its specification is subject to change without notice.
New
Products
The TODX2402 optical tranceiving module is an optical transceiver
used with the SMI connector which is designed for use in digital home
appliances.
Since it can communicate at a data rate of 250 Mb/s, it is possible to
transmit Fast Ethernet signals (125 Mb/s) as well as IEEE1394 S100
signals (125 Mb/s) and S200 signals (250 Mb/s).
Main specification of the TODX2402
Data rate: 20 Mb/s to 250 Mb/s (NRZ code)
Transmission distance: 20 m (max) (at 250 Mb/s)
50 m (max) (at 125 Mb/s)
Center wavelength: 650 nm
Operating temperature: 0
°C to 60°C (at 250 Mb/s)
-10
°C to 70°C (at 125 Mb/s)
On-chip transmitting and receiving IC
PECL interface
Supply voltage: 3.3 V
± 0.3 V
Molded resin package
Main specification of the TODX2801
Data rate: 20 Mb/s to 125 Mb/s (NRZ code)
Transmission distance: 20 m (max) (via APF cable)
100 m (max) (via GI-PCH cable)
Center wavelength: 650 nm
Operating temperature: -10
°C to 70°C
PECL interface
Supply voltage: 3.3 V
± 0.3 V
Ceramic package
Under
development
The TODX2801 optical tranceiving module is housed in a ceramic
package which can be used with plastic optical fiber (APF) and plastic
clad silica optical fiber (PCF).
It can be used to transmit Fast Ethernet signals (125 Mb/s) as well as
IEEE1394 S100 signal ( 125 Mb/s ) over longer distance with the PN
optical connector or the JIS F07 optical connector.


Similar Part No. - TOCP200QK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOCP200Q TOSHIBA-TOCP200Q Datasheet
72Kb / 3P
   DUPLEX TYPE OPTICAL ADAPTER
More results

Similar Description - TOCP200QK

ManufacturerPart #DatasheetDescription
logo
NEC
OD-8317 NEC-OD-8317 Datasheet
88Kb / 2P
   FIBER OPTIC DEVICES
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com