Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN5179 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # PN5179
Description  NPN RF Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PN5179 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  PN5179 Datasheet HTML 1Page - Fairchild Semiconductor PN5179 Datasheet HTML 2Page - Fairchild Semiconductor PN5179 Datasheet HTML 3Page - Fairchild Semiconductor PN5179 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC Typical Characteristics
NPN RF Transistor
(continued)
DC Current Gain
vs Collector Current
0.001
0.01
0.1
0
50
100
150
200
250
I
- COLLECTOR CURRENT (A)
C
V
= 5V
CE
- 40 ºC
25 °C
125 °C
Collector-Emitter Saturation
Voltage vs Collector Current
P40
0.1
1
10
20 30
0.05
0.1
0.15
0.2
I
- COLLECTOR CURRENT (mA)
- 40 ºC
25 °C
C
β = 10
125 °C
Base-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
20 30
0.4
0.6
0.8
1
1.2
I
- COLLECTOR CURRENT (mA)
C
β = 10
- 40 ºC
25 °C
125 °C
Base-Emitter ON Voltage vs
Collector Current
0.01
0.1
1
10
50
0.2
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
C
V
= 5V
CE
- 40 ºC
25 °C
125 °C
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
150
0.1
1
10
100
T - AMBIENT TEMPERATURE ( C)
A
V
= 20V
CB
º


Similar Part No. - PN5179

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN5179 FAIRCHILD-PN5179 Datasheet
490Kb / 12P
   NPN RF Transistor
More results

Similar Description - PN5179

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
   NPN RF Transistor
logo
Fairchild Semiconductor
BF240 FAIRCHILD-BF240 Datasheet
27Kb / 3P
   NPN RF Transistor
2N5770 FAIRCHILD-2N5770_01 Datasheet
298Kb / 7P
   NPN RF Transistor
MPS5179 FAIRCHILD-MPS5179_01 Datasheet
490Kb / 12P
   NPN RF Transistor
PN918 FAIRCHILD-PN918_01 Datasheet
512Kb / 15P
   NPN RF Transistor
logo
Advanced Semiconductor
MSC80213 ASI-MSC80213 Datasheet
25Kb / 2P
   NPN RF TRANSISTOR
MSC80278 ASI-MSC80278 Datasheet
21Kb / 1P
   NPN RF TRANSISTOR
logo
Fairchild Semiconductor
MPS6543 FAIRCHILD-MPS6543 Datasheet
23Kb / 2P
   NPN RF Transistor
2N5770 FAIRCHILD-2N5770 Datasheet
25Kb / 2P
   NPN RF Transistor
MMBT5770 FAIRCHILD-MMBT5770 Datasheet
302Kb / 6P
   NPN RF Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com