Electronic Components Datasheet Search |
|
106CKE063M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc. |
|
106CKE063M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc. |
1 / 4 page 3757 W. Touhy Ave., Lincolnwood, Il 60712 ● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com CKH/CKE +105°C General Purpose Radial Lead Aluminum Electrolytic Capacitors Features Standard case sizes Multiple case sizes Lead free leads Applications Bypass Filtering Coupling De-coupling Specifications Operating Temperature Range -55°C to +105°C (6.3 to 100 WVDC), -40°C to +105°C (160 to 400 WVDC) -25°C to +85°C (450 WVDC) Capacitance Tolerance +20% at 120 Hz, 20°C WVDC 6.3 10 16 25 35 50 63 100 160 200 250 350 400 450 Surge voltage SVDC 7.9 13 20 32 44 63 79 125 200 250 300 400 450 500 WVDC 6.3 10 16 25 35 50 63 100 160 200 250 350 400 450 Tan δ .24 .2 .17 .15 .12 .1 .1 .08 .15 .15 .15 .2 .2 .2 Dissipation Factor Add .02 for every 1000uF above 1000uF 6.3 to 100 WVDC 160 to 450 WVDC 1 Minutes 2 Minutes 2 Minutes Leakage current .03CV or 4uA, Whichever is greater .01CV or 3uA, Whichever is greater .03CV+40uA WVDC 6.3 10 16 25 35 50 63 100 160 200 250 350 400 450 -25°C to +20°C 4 3 2 2 2 2 2 2 3 3 3 6 6 15 Low temperature stability Impedance ratio (120 Hz) -40°C to +20°C 5 10 8 6 4 3 3 3 3 4 4 10 10 - 2000 hours at 105°C with rated WVDC and ripple current applied Capacitance change <20% of initial measured value Dissipation factor <150% of maximum specified value Load Life Leakage current >100% of maximum specified value 1000 hours at 105°C with no voltage applied Capacitance change <20% initial measured value Dissipation factor <200% of maximum specified value Shelf Life Leakage current >100% of maximum specified value Frequency (Hz) Temperature (°C) WVDC 50 120 1k 10k +105 +85 +70 +60 6.3 to 25V .85 1.0 1.10 1.20 1.0 1.4 1.4 1.75 35 to 100V .8 1.0 1.15 1.25 1.0 1.4 1.4 1.75 160 to 250V .75 1.0 1.25 1.40 1.0 1.4 1.4 1.75 Ripple Current Multipliers 350 to 450V .7 1.0 1.30 1.80 1.0 1.4 1.4 1.75 D 5 6.3 8 10 12.5 16 18 S 2.0 2.5 3.5 5.0 5.0 7.5 7.5 d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 L1=L+1.5mm Max. mm D1=D+0.5mm Max. S1=S+0.5 mm |
Similar Part No. - 106CKE063M |
|
Similar Description - 106CKE063M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |