Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

125MABA01KH Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 125MABA01KH
Description  AC/Motor Run Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

125MABA01KH Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  125MABA01KH Datasheet HTML 1Page - Illinois Capacitor, Inc. 125MABA01KH Datasheet HTML 2Page - Illinois Capacitor, Inc. 125MABA01KH Datasheet HTML 3Page - Illinois Capacitor, Inc. 125MABA01KH Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAB
AC/Motor Run Film Capacitors
S
5mm ± 1mm
Solid tinned copper leads
L
30mm ± 5mm
Solid tinned copper leads
C
Customer Specified
Insulated solid tinned copper leads
M
Customer Specified
Stranded insulated tinned copper wire
Voltage
Code
WVDC/SVDC
VAC
(50/60 Hz)
Agency Standard
Description
Approval
Classification
A04
350/425
UL 810/CSA 22.2
Construction only (E192977)/190-M-1985
A04
180
10,000 hrs. Continuous Service
Class B
A04
200
1,000 hrs. Continuous Service
Class D
A03
475/550
UL 810/CSA 22.2
Construction only (E192977)/190-M-1985
A03
250
10,000 hrs. Continuous Service
Class B
A03
320
1,000 hrs. Continuous Service
Class D
A02
575/680
UL 810/CSA 22.2
Construction only (E192977)/190-M-1985
A02
320
EN 60252-1
30,000 hrs. Continuous Service
Class A
A02
400
EN 60252-1
10,000 hrs. Continuous Service
Class B
A02
430
EN 60252-1
1,000 hrs. Continuous Service
Class D
A01
775/925
432
EN 60252-1
10,000 hrs. Continuous Service
Class B
A01
400
EN 60252-1
30,000 hrs. Continuous Service
Class A
A01
500
EN 60252-1
3000 hrs. Continuous Service
Class C
A01
UL 810/CSA 22.2
Construction only (E192977)/190-M-1985
A05
1150/1350
UL 810/CSA 22.2
Construction only (E192977)/190-M-1985
A05
800
3000 hrs. Continuous Service
Class C
A05
500
10,000 hrs. Continuous Service
Class B
L
26.5
32
39.5
42.5
S 22.5
27.5 35
37.5
d
0.8
0.8
0.8
1.0
APPROVAL CODES
TERMINAL STYLE SELECTION
LEAD SPACING
Your Global Source for World-Class Capacitors
© 2013 Illinois Capacitor, Inc.
ILLINOIS CAPACITOR, INC.
®
North America
Asia
Tel: 847.675.1760
Tel: 852.2793 0931
sales@illcap.com
sales@illcap.com.hk


Similar Part No. - 125MABA01KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
125MABA01KH ILLINOISCAPACITOR-125MABA01KH Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
125MABA01KH ILLINOISCAPACITOR-125MABA01KH Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
More results

Similar Description - 125MABA01KH

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA05KG ILLINOISCAPACITOR-104MABA05KG Datasheet
402Kb / 6P
   AC/Motor Run Film Capacitors
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com