Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3052VM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MOC3052VM
Description  6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3052VM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MOC3052VM Datasheet HTML 1Page - Fairchild Semiconductor MOC3052VM Datasheet HTML 2Page - Fairchild Semiconductor MOC3052VM Datasheet HTML 3Page - Fairchild Semiconductor MOC3052VM Datasheet HTML 4Page - Fairchild Semiconductor MOC3052VM Datasheet HTML 5Page - Fairchild Semiconductor MOC3052VM Datasheet HTML 6Page - Fairchild Semiconductor MOC3052VM Datasheet HTML 7Page - Fairchild Semiconductor MOC3052VM Datasheet HTML 8Page - Fairchild Semiconductor MOC3052VM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
6/15/05
Page 5 of 11
© 2005 Fairchild Semiconductor Corporation
6-PIN DIP RANDOM-PHASE
OPTOISOLATORS TRIAC DRIVERS
(600 VOLT PEAK)
MOC3051-M
MOC3052-M
Minimum LED Off Time in Phase Control
Applications
In Phase control applications one intends to be able to control
each AC sine half wave from 0 to 180 degrees. Turn on at zero
degrees means full power and turn on at 180 degree means
zero power. This is not quite possible in reality because triac
driver and triac have a fixed turn on time when activated at
zero degrees. At a phase control angle close to 180 degrees
the driver’s turn on pulse at the trailing edge of the AC sine
wave must be limited to end 200 ms before AC zero cross as
shown in Figure 5. This assures that the triac driver has time
to switch off. Shorter times may cause loss of control at the
following half cycle.
IFT versus dv/dt
Triac drivers with good noise immunity (dv/dt static) have inter-
nal noise rejection circuits which prevent false triggering of the
device in the event of fast raising line voltage transients. Induc-
tive loads generate a commutating dv/dt that may activate the
triac drivers noise suppression circuits. This prevents the
device from turning on at its specified trigger current. It will in
this case go into the mode of “half waving” of the load. Half
waving of the load may destroy the power triac and the load.
Figure 8 shows the dependency of the triac drivers IFT versus
the reapplied voltage rise with a Vp of 400 V. This dv/dt condi-
tion simulates a worst case commutating dv/dt amplitude.
It can be seen that the IFT does not change until a commutat-
ing dv/dt reaches 1000 V/ms. The data sheet specified IFT is
therefore applicable for all practical inductive loads and load
factors.
Figure. 7 Leakage Current, I
DRM vs. Temperature
TA , AMBIENT TEMPERATURE (
oC)
-40
-20
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Figure 5. Minimum Time for LED Turn–Off to Zero
Cross of AC Trailing Edge
AC SINE
0
ϒ
180
°
LED PW
LED CURRENT
LED TURN OFF MIN 200
µs
Figure. 6 Holding Current, I
H vs. Temperature
TA, AMBIENT TEMPERATURE (
oC)
-40
1
0.9
0
-30 - 20 -10
0
10
20
30
4050607080
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
dv/dt (V/
µs)
0.001
1.5
0.5
10000
NORMALIZED TO:
IFT at 3 V
1.4
1.3
1.2
1.1
1
0.9
0.8
0.7
0.6
0.01
0.1
1
10
100
1000
Figure. 8 LED Trigger Current, I FT vs. dv/dt


Similar Part No. - MOC3052VM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3052 MOTOROLA-MOC3052 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
Lite-On Technology Corp...
MOC3052 LITEON-MOC3052 Datasheet
155Kb / 8P
   Property of Lite-On Only
MOC3052 LITEON-MOC3052 Datasheet
158Kb / 8P
   Property of Lite-On Only
logo
Guangdong Youtai Semico...
MOC3052 UMW-MOC3052 Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
MOC3052 UMW-MOC3052 Datasheet
1Mb / 6P
   Random Phase Triac Driven Optocoupler
More results

Similar Description - MOC3052VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
ON Semiconductor
MOC3051M ONSEMI-MOC3051M Datasheet
420Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
May, 2019 ??Rev. 3
MOC3051M ONSEMI-MOC3051M_V01 Datasheet
400Kb / 13P
   6-Pin DIP Random-Phase Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 4
logo
Fairchild Semiconductor
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3022-M FAIRCHILD-MOC3022-M Datasheet
527Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
   6-Pin DIP Random-phase Optoisolators Triac Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com