Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337AXZ6R3M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 337AXZ6R3M
Description  105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337AXZ6R3M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  337AXZ6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 337AXZ6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
AXZ
+105°C Low Impedance Surface Mount
Aluminum Electrolytic Capacitors
Features
Standard case sizes
Lead Free Leads
Low impedance
Extended life
Applications
Bypass
filtering
Coupling
De-Coupling
Specifications
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
6.3
10
16
25
35
50
Surge voltage
SVDC
7.9
13
20
32
44
63
WVDC
6.3
10
16
25
35
50
D<6.3mm
.24
.2
.16
.14
.12
.12
Dissipation Factor
D>8mm
.28
.24
.2
.16
.14
.14
2 Minutes
Leakage current
.01CV or 3uA,Whichever is greater
Rated WVDC
6.3
10
16
25
35
50
-25°C to +20°C
3
2
2
2
2
2
Low temperature
stability
Impedance ratio
(120 Hz)
-40°C to +20°C
5
4
4
3
3
3
2000 hours(D<6.3mm,1000 Hrs.) at 105°C with rated WVDC and ripple current applied
Capacitance change
<25% of initial measured value
Dissipation factor
<200% of maximum specified value
Load Life
Leakage current
>100% of maximum specified value
1000 hours at 85°C with no voltage applied
Capacitance change
<25% of initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Leakage current
>100% of maximum specified value
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode
terminations facing downward will fulfill the following conditions after being cooled
to room temperature
Capacitance change
<10% of initial measured value
Dissipation factor
<100% of maximum specified value
Resistance to soldering heat
Leakage current
>100% of maximum specified value
Frequency (Hz)
Temperature (°C)
50
120
1k
100k
105
85
65
Ripple Current Multipliers
.45
.5
.83
1.0
1.0
1.7
1.45
D
L
W+0.2
H+0.2
C+0.2
R
P+0.2
4
5.4 +0.1/-0.2
4.3
4.3
5.0
0.5~0.8
1.0
5
5.4 +0.1/-0.2
5.3
5.3
6.0
0.5~0.8
1.4
6.3
5.4 +0.1/-0.2
6.6
6.6
7.3
0.5~0.8
2.2
6.3
5.8 +0.1/-0.2
6.6
6.6
7.3
0.5~0.8
2.2
6.3
7.7 +0.1/-0.2
6.6
6.6
7.3
0.5~0.8
2.2
8
6.2 +0.1/-0.2
8.3
8.3
9.0
0.7~1.0
3.2
8
10.2+0.1/-0.2
8.3
8.3
9.0
0.7~1.0
3.2
10
10.2+0.1/-0.2
10
10
11.0
0.7~1.0
4.6


Similar Part No. - 337AXZ6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337AXZ6R3M ILLINOISCAPACITOR-337AXZ6R3M Datasheet
114Kb / 3P
   105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
337AXZ6R3M ILLINOISCAPACITOR-337AXZ6R3M Datasheet
219Kb / 2P
   Low Impedance 2000 hours
337AXZ6R3M ILLINOISCAPACITOR-337AXZ6R3M Datasheet
240Kb / 2P
   Filtering ??Bypass/ Coupling ??De-Coupling
337AXZ6R3M ILLINOISCAPACITOR-337AXZ6R3M Datasheet
126Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 337AXZ6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106ACZ035M ILLINOISCAPACITOR-106ACZ035M_13 Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M Datasheet
415Kb / 3P
   105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
105AXZ050M ILLINOISCAPACITOR-105AXZ050M Datasheet
114Kb / 3P
   105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
logo
RFE international
VZH101MIVTR080100 RFE-VZH101MIVTR080100 Datasheet
122Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
VZH RFE-VZH Datasheet
767Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
2021.09.09
VEH470M1VTR080100 RFE-VEH470M1VTR080100 Datasheet
84Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEH Series: Surface Mount Type, Low Impedance
VEZ220M1ATR050053 RFE-VEZ220M1ATR050053 Datasheet
89Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEZ Series: Surface Mount Type, Low Impedance
logo
Illinois Capacitor, Inc...
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
    105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com