Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

478FXM6R3M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 478FXM6R3M
Description  105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

478FXM6R3M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  478FXM6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 478FXM6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc. 478FXM6R3M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
50
®
Temperature (°C)
I Low Profile
I Extended Life
I Voltage Range: 6.3 WVDC to 400 WVDC
I Capacitance Range: 0.1 µF to 10,000 µF
FEATURES
FXM
+105°C Low Profile
Radial Lead
Aluminum Electrolytic
Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
SPECIAL ORDER OPTIONS
±20% at 120Hz, 25°C
For all general purpose applications
6.3
.28
10
.24
16
.20
25
.16
35
.14
50
.12
63
.1
100
.08
160
.2
200
.2
250
.2
400
.25
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo-Pack Cut, Formed, Cut and Formed, and Snap In Leads
(See pages 33 thru 37)
Leakage Current
Shelf Life
1,000 hours at +105°C with no voltage applied.
Units will meet load life specifications
Load Life
1000 hours at +105°C with rated WVDC
Impedance Ratio
(Max.) @120Hz
-25°C/20°C
-40°C/20°C
WVDC
Time
WVDC
1 minute
≤ 100 WVDC
≤ 20% of initial measured value
≤ 200% of initial specified value
≤100% of specified value
Capacitance change
Dissipation factor
Leakage current
Frequency (Hz)
C
≤47
47<C
≤470
C>470
10
≤C≤150
50
120
300
1K
10K
.75
.8
.85
.8
1.0
1.0
1.0
1.0
1.35
1.23
1.10
1.25
1.57
1.34
1.13
1.40
2.0
1.5
1.15
1.6
1.0
1.4
1.75
+105
1.0
+85
1.4
+60
1.75
Capacitance
(µF)
WVDC
1.0
1.0
1.4
1.4
1.75
1.75
Ripple Current Multipliers
6.3
5
10
4
16
3
25
2
35
2
50
2
63
2
100
2
160
4
200
4
250
4
400
4
10
8643333
15
15
15
10
≤ 100 WVDC
≥ 160 WVDC
2 minutes
1 minute
.03 CV or 4µA
whichever is greater
.01 CV or 3µA
whichever is greater
.04 CV + 100µA
Note: For above D.F. specifications, add .02 for every 1,000 µf above 1,000 µf
-55°C to + 105°C
-40°C to + 105°C
6.3 to 100
6.3 to 100
6.3 to 100
160 to 400


Similar Part No. - 478FXM6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
478FXM6R3M ILLINOISCAPACITOR-478FXM6R3M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
478FXM6R3M ILLINOISCAPACITOR-478FXM6R3M Datasheet
245Kb / 2P
   Low Profile - High Voltage - General Purpose
478FXM6R3M ILLINOISCAPACITOR-478FXM6R3M Datasheet
133Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 478FXM6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PGM050M ILLINOISCAPACITOR-104PGM050M_13 Datasheet
184Kb / 2P
   105C, 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104STF050M ILLINOISCAPACITOR-104STF050M Datasheet
174Kb / 2P
   105C, 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M_13 Datasheet
686Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M_13 Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M_16 Datasheet
249Kb / 2P
   5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com