Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

305MPH200K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 305MPH200K
Description  Axial leaded metallized polypropylene film capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

305MPH200K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  305MPH200K Datasheet HTML 1Page - Illinois Capacitor, Inc. 305MPH200K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPH
High Current Axial Lead
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
E.S.R.(mΩ)
Maximum Ripple Current Amperes RMS (20kHz-100kHz
D Max.
L Max.
d
+25°C
+35°C
+45°C
+55°C
+65°C
+75°C
+85°C
1
100
105MPH100K
15
9.2
8.5
7.8
7
6
4.9
4.5
13.5
20.5
0.8
1
200
105MPH200K
20
7.3
7.3
7.3
7.3
7.2
5.9
5.4
13
33.5
0.8
1
400
105MPH400K
19
9.5
9.5
9.5
9.5
9.5
7.8
7.1
18.1
39.5
1
2
100
205MPH100K
12
10.8
10
9.1
8.2
7
5.8
5.3
15.2
25.5
0.8
2
200
205MPH200K
15
12
12
11.3
10.1
8.7
7.1
6.5
17.7
33.5
0.8
2
400
205MPH400K
15
15
15
15
13.4
11.6
9.5
8.7
22.7
44.5
1
3
100
305MPH100K
11
12.1
11.2
10.3
9.2
8
6.5
5.9
18.2
25.5
1
3
200
305MPH200K
13
15
13.8
12.6
11.3
9.8
8
7.3
19
39.5
1
3
400
305MPH400K
12
15
15
15
15
13.1
10.7
9.8
27.6
44.5
1
5
100
505MPH100K
10
13.8
12.7
11.6
10.4
9
7.4
6.7
18.6
33.5
1
5
200
505MPH200K
11
15
15
14.7
13.1
11.4
9.3
8.5
21.9
44.5
1
5
400
505MPH400K
10
15
15
15
15
15
12.5
11.4
30.3
58.5
1
10
100
106MPH100K
9
15
15
14.2
12.7
11
9
8.2
22.8
39.5
1
10
200
106MPH200K
9
15
15
15
15
13.8
11.1
10
26.2
58.5
1
10
400
106MPH400K
6
15
15
15
15
15
15
14.1
42.4
58.5
1
20
100
206MPH100K
8
15
15
15
15
13.6
11.1
10
25.4
58.5
1
20
200
206MPH200K
6
15
15
15
15
15
14.1
12.8
36.6
58.5
1
30
100
306MPH100K
6
15
15
15
15
15
12.4
11.4
30.5
58.5
1


Similar Part No. - 305MPH200K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
305MPH200K ILLINOISCAPACITOR-305MPH200K Datasheet
383Kb / 2P
   105째C Metallized Polypropylene Capacitors
More results

Similar Description - 305MPH200K

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
224MARA01KG ILLINOISCAPACITOR-224MARA01KG Datasheet
383Kb / 4P
   Axial Leaded Metallized Polypropylene Film
logo
Cornell Dubilier Electr...
935C1W1K-F CDE-935C1W1K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
472PPA302KG ILLINOISCAPACITOR-472PPA302KG_13 Datasheet
482Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
105MPL100K ILLINOISCAPACITOR-105MPL100K_13 Datasheet
195Kb / 2P
   Axial leaded metallized polypropylene film capacitors with Lug terminals
682PPS302KG ILLINOISCAPACITOR-682PPS302KG_13 Datasheet
491Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com