Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3083VM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MOC3083VM
Description  6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3083VM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MOC3083VM Datasheet HTML 1Page - Fairchild Semiconductor MOC3083VM Datasheet HTML 2Page - Fairchild Semiconductor MOC3083VM Datasheet HTML 3Page - Fairchild Semiconductor MOC3083VM Datasheet HTML 4Page - Fairchild Semiconductor MOC3083VM Datasheet HTML 5Page - Fairchild Semiconductor MOC3083VM Datasheet HTML 6Page - Fairchild Semiconductor MOC3083VM Datasheet HTML 7Page - Fairchild Semiconductor MOC3083VM Datasheet HTML 8Page - Fairchild Semiconductor MOC3083VM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PACKAGE
SCHEMATIC
4/14/03
Page 1 of 11
© 2003 Fairchild Semiconductor Corporation
6-PIN DIP ZERO-CROSS
OPTOISOLATORS TRIAC DRIVER OUTPUT
(800 VOLT PEAK)
MOC3081M
MOC3082M
MOC3083M
DESCRIPTION
The MOC3081M, MOC3082M and MOC3083M devices consist of a GaAs infrared emitting diode optically coupled to a monolithic
silicon detector performing the function of a zero voltage crossing bilateral triac driver.
They are designed for use with a discrete power triac in the interface of logic systems to equipment powered from 240 VAC lines,
such as solid-state relays, industrial controls, motors, solenoids and consumer appliances, etc.
FEATURES
Underwriters Laboratories (UL) recognized - file #E90700, Volume 2
VDE recognized - file #102497 - add option V (e.g., MOC3083VM)
Simplifies logic control of 240 VAC power
Zero voltage crossing
dv/dt of 1500 V/µs typical, 600 V/µs guaranteed
Compatible with Fairchild’s FKPF12N80 discrete power triac
APPLICATIONS
Solenoid/valve controls
Lighting controls
Static power switches
•AC motor drives
•Temperature controls
E.M. contactors
•AC motor starters
Solid state relays
MAIN TERM.
NC*
N/C
*DO NOT CONNECT
(TRIAC SUBSTRATE)
1
2
3
ANODE
CATHODE
4
5
6 MAIN TERM.
ZERO
CROSSING
CIRCUIT


Similar Part No. - MOC3083VM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3083 MOTOROLA-MOC3083 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
List of Unclassifed Man...
MOC3083 ETC-MOC3083 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Fairchild Semiconductor
MOC3083 FAIRCHILD-MOC3083 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
logo
Lite-On Technology Corp...
MOC3083 LITEON-MOC3083 Datasheet
270Kb / 8P
   Property of Lite-On Only
logo
Shenzhen Tenand Technol...
MOC3083 TENAND-MOC3083 Datasheet
199Kb / 8P
   Property of Lite-on Only
More results

Similar Description - MOC3083VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
logo
Motorola, Inc
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
ON Semiconductor
MOC3081M ONSEMI-MOC3081M_V01 Datasheet
343Kb / 13P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (800 V Peak)
September, 2022 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com