Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

476ACZ050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 476ACZ050M
Description  105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476ACZ050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  476ACZ050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 476ACZ050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACZ
+105°C, Lower Impedance
1000 to 2000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
10
35
106ACZ035M
19.8944
0.7
170
5x5.4
10
50
106ACZ050M
19.8944
0.52
215
6.3x5.4
15
35
156ACZ035M
13.2629
0.7
170
5x5.4
15
50
156ACZ050M
13.2629
0.52
215
6.3x5.4
22
35
226ACZ035M
9.04289
0.7
170
5x5.4
22
50
226ACZ050M
9.04289
0.52
215
6.3x5.4
27
16
276ACZ016M
9.8244
0.76
150
5x5.4
27
35
276ACZ035M
7.3683
0.39
250
6.3x5.4
27
50
276ACZ050M
7.368
0.44
243
6.3x7.7
33
10
336ACZ010M
9.5453
0.7
170
5x5.4
33
35
336ACZ035M
6.0286
0.39
240
6.3x5.4
33
50
336ACZ050M
6.0286
0.66
280
6.3x7.7
33
50
336ACZ050MJG
6.0286
0.63
300
8x6.2
47
6.3
476ACZ6R3M
8.466
0.7
170
5x5.4
47
35
476ACZ035M
4.23284
0.39
240
6.3x5.4
47
50
476ACZ050MJG
4.2328
0.63
300
8x6.2
47
50
476ACZ050M
4.2328
0.66
280
6.3x7.7
56
6.3
566ACZ6R3M
7.1051
0.7
170
5x5.4
56
25
566ACZ025M
4.14466
0.39
250
6.3x5.4
56
35
566ACZ035M
3.55
0.3
300
6.3x7.7
68
25
686ACZ025M
3.413
0.39
240
6.3x5.4
68
35
686ACZ035M
2.926
0.32
290
6.3x7.7
68
50
686ACZ050M
2.926
0.22
400
8x10.5
100
16
107ACZ016M
2.653
0.39
240
6.3x5.4
100
25
107ACZ025MJG
1.9894
0.32
300
8x6.2
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Impedance
Ω +20°C/-
10°C
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
100
25
107ACZ025M
2.321
0.36
290
6.3x7.7
100
50
107ACZ050M
1.9894
0.22
400
8x10.5
100
50
107ACZ050MLL
1.9894
0.16
700
10x10.5
150
10
157ACZ010M
2.1
0.39
240
6.3x5.4
150
16
157ACZ016M
1.768
0.32
290
6.3x7.7
150
25
157ACZ025M
1.547
0.15
600
8x10.2
150
35
157ACZ035M
1.326
0.15
600
8x10.2
150
50
157ACZ050M
1.3268
0.16
600
8x10.5
220
6.3
227ACZ6R3M
1.809
0.39
240
6.3x5.4
220
16
227ACZ016M
1.206
0.32
290
6.3x7.7
220
16
227ACZ016MJG
1.206
0.26
300
8x6.2
220
35
227ACZ035MLL
0.9043
0.08
850
10x10.2
220
35
227ACZ035M
0.9043
0.16
600
8x10.5
220
50
227ACZ050M
0.9043
0.13
585
10x10.2
330
6.3
337ACZ6R3M
1.206
0.32
290
6.3x7.7
330
6.3
337ACZ6R3MJG
1.206
0.23
300
8x6.2
330
25
337ACZ025M
0.7033
0.16
600
8x10.5
330
35
337ACZ035M
0.603
0.08
850
10x10.2
470
16
477ACZ016M
0.5644
0.16
600
8x10.5
470
16
477ACZ016MLL
0.5644
0.08
850
10x10.5
470
25
477ACZ025M
0.4938
0.08
850
10x10.2
680
6.3
687ACZ6R3M
0.585
0.15
600
8x10.5
1000
6.3
108ACZ6R3M
0.398
0.16
600
8x10.5
1000
10
108ACZ010M
0.315
0.08
850
10x10.2
1500
6.3
158ACZ6R3M
0.2653
0.08
850
10x10.5


Similar Part No. - 476ACZ050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476ACZ050M ILLINOISCAPACITOR-476ACZ050M Datasheet
415Kb / 3P
   105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
476ACZ050MJG ILLINOISCAPACITOR-476ACZ050MJG Datasheet
415Kb / 3P
   105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - 476ACZ050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_13 Datasheet
227Kb / 2P
   105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M Datasheet
415Kb / 3P
   105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
logo
Illinois Capacitor, Inc...
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
105AXZ050M ILLINOISCAPACITOR-105AXZ050M Datasheet
114Kb / 3P
   105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
logo
RFE international
VZH101MIVTR080100 RFE-VZH101MIVTR080100 Datasheet
122Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
VZH RFE-VZH Datasheet
767Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
2021.09.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com