Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD734BN Datasheet(PDF) 1 Page - Analog Devices

Part # AD734BN
Description  10 MHz, Four-Quadrant Multiplier/Divider
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734BN Datasheet(HTML) 1 Page - Analog Devices

  AD734BN Datasheet HTML 1Page - Analog Devices AD734BN Datasheet HTML 2Page - Analog Devices AD734BN Datasheet HTML 3Page - Analog Devices AD734BN Datasheet HTML 4Page - Analog Devices AD734BN Datasheet HTML 5Page - Analog Devices AD734BN Datasheet HTML 6Page - Analog Devices AD734BN Datasheet HTML 7Page - Analog Devices AD734BN Datasheet HTML 8Page - Analog Devices AD734BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
10 MHz, Four-Quadrant
Multiplier/Divider
AD734
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
High accuracy
0.1% typical error
High speed
10 MHz full power bandwidth
450 V/μs slew rate
200 ns settling to 0.1% at full power
Low distortion
−80 dBc from any input
Third-order IMD typically −75 dBc at 10 MHz
Low noise
94 dB SNR, 10 Hz to 20 kHz
70 dB SNR, 10 Hz to 10 MHz
Direct division mode
2 MHz BW at gain of 100
APPLICATIONS
High performance replacement for AD534
Multiply, divide, square, square root
Modulators, demodulators
Wideband gain control, rms-to-dc conversion
Voltage-controlled amplifiers, oscillators, and filters
Demodulator with 40 MHz input bandwidth
FUNCTIONAL BLOCK DIAGRAM
XIF
YIF
ZIF
WIF
DD
ER
U
RU
DENOMINATOR
CONTROL
X = X1 – X2
Y = Y1 –Y2
Z = Z1 – Z2
XZ
U
+
XY ÷ U – Z
HIGH ACCURACY
TRANSLINEAR CORE
AD734
AO
X1
X2
U0
W
Z1
Z2
U1
U2
Y1
Y2
Figure 1.
GENERAL DESCRIPTION
The AD734 is an accurate high speed, four-quadrant analog
multiplier that is pin compatible with the industry-standard
AD534 and provides the transfer function W = XY/U. The
AD734 provides a low impedance voltage output with a full
power (20 V p-p) bandwidth of 10 MHz. Total static error
(scaling, offsets, and nonlinearities combined) is 0.1% of full
scale. Distortion is typically less than −80 dBc and guaranteed.
The low capacitance X, Y, and Z inputs are fully differential.
In most applications, no external components are required to
define the function.
The internal scaling (denominator) voltage, U, is 10 V, derived
from a buried-Zener voltage reference. A new feature provides
the option of substituting an external denominator voltage,
allowing the use of the AD734 as a two-quadrant divider with a
1000:1 denominator range and a signal bandwidth that remains
10 MHz to a gain of 20 dB, 2 MHz at a gain of 40 dB, and 200 kHz
at a gain of 60 dB, for a gain-bandwidth product of 200 MHz.
The advanced performance of the AD734 is achieved by a
combination of new circuit techniques, the use of a high speed
complementary bipolar process, and a novel approach to laser
trimming based on ac signals rather than the customary dc
methods. The wide bandwidth (>40 MHz) of the AD734’s input
stages and the 200 MHz gain-bandwidth product of the multiplier
core allow the AD734 to be used as a low distortion demodulator
with input frequencies as high as 40 MHz as long as the desired
output frequency is less than 10 MHz.
The AD734AQ and AD734BQ are specified for the industrial
temperature range of −40°C to +85°C and come in a 14-lead
CERDIP and a 14-lead PDIP package. The AD734SQ/883B,
available processed to MIL-STD-883B for the military range of
−55°C to +125°C, is available in a 14-lead CERDIP.


Similar Part No. - AD734BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734BN AD-AD734BN Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
More results

Similar Description - AD734BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD834 AD-AD834_15 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com