Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD825AR Datasheet(PDF) 3 Page - Analog Devices

Part # AD825AR
Description  Low Cost, General-Purpose High Speed JFET Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD825AR Datasheet(HTML) 3 Page - Analog Devices

  AD825AR Datasheet HTML 1Page - Analog Devices AD825AR Datasheet HTML 2Page - Analog Devices AD825AR Datasheet HTML 3Page - Analog Devices AD825AR Datasheet HTML 4Page - Analog Devices AD825AR Datasheet HTML 5Page - Analog Devices AD825AR Datasheet HTML 6Page - Analog Devices AD825AR Datasheet HTML 7Page - Analog Devices AD825AR Datasheet HTML 8Page - Analog Devices AD825AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD825
Rev. F | Page 3 of 12
SPECIFICATIONS
All limits are determined to be at least four standard deviations away from mean value. At TA = 25°C, VS = ±15 V, unless otherwise noted.
Table 1.
AD825A
Parameter
Conditions
VS
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Unity Gain Bandwidth
±15 V
23
26
MHz
Bandwidth for 0.1 dB Flatness
Gain = +1
±15 V
18
21
MHz
−3 dB Bandwidth
Gain = +1
±15 V
44
46
MHz
Slew Rate
RLOAD = 1 kΩ, G = +1
±15 V
125
140
V/µs
Settling Time to 0.1%
0 V to 10 V Step, AV = −1
±15 V
150
180
ns
to 0.1%
0 V to 10 V Step, AV = −1
±15 V
180
220
ns
Total Harmonic Distortion
FC = 1 MHz, G = −1
±15 V
−77
dB
Differential Gain Error
NTSC
±15 V
1.3
%
(RLOAD = 150 Ω)
Gain = +2
Differential Phase Error
NTSC
±15 V
2.1
Degrees
(RLOAD = 150 Ω)
Gain = +2
INPUT OFFSET VOLTAGE
±15 V
1
2
mV
TMIN to TMAX
5
mV
Offset Drift
10
µV/°C
INPUT BIAS CURRENT
±15 V
15
40
pA
TMIN
5
pA
TMAX
700
pA
INPUT OFFSET CURRENT
±15 V
20
30
pA
TMIN
5
pA
TMAX
440
pA
OPEN-LOOP GAIN
VOUT = ±10 V
±15 V
RLOAD = 1 kΩ
70
76
dB
VOUT = ±7.5 V
±15 V
RLOAD = 1 kΩ
70
76
dB
VOUT = ±7.5 V
±15 V
RLOAD = 150 kΩ (50 mA Output)
68
74
dB
COMMON-MODE REJECTION
VCM = ±10
±15 V
71
80
dB
INPUT VOLTAGE NOISE
f = 10 kHz
±15 V
12
nV/√Hz
INPUT CURRENT NOISE
f = 10 kHz
±15 V
10
fA/√Hz
INPUT COMMON-MODE VOLTAGE RANGE
±15 V
±13.5
V
OUTPUT VOLTAGE SWING
RLOAD = 1 kΩ
±15 V
13
±13.3
V
RLOAD = 500 Ω
±15 V
12.9
±13.2
V
Output Current
±15 V
50
mA
Short-Circuit Current
±15 V
100
mA
INPUT RESISTANCE
5 ×1011
INPUT CAPACITANCE
6
pF
OUTPUT RESISTANCE
Open Loop
8
POWER SUPPLY
Quiescent Current
±15 V
6.5
7.2
mA
TMIN to TMAX
±15 V
7.5
mA


Similar Part No. - AD825AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD825AR AD-AD825AR Datasheet
2Mb / 11P
   Low Cost, General Purpose High Speed JFET Amplifier
REV. C
AD825AR AD-AD825AR Datasheet
413Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825AR AD-AD825AR Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825AR-16 AD-AD825AR-16 Datasheet
413Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825AR-16 AD-AD825AR-16 Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
More results

Similar Description - AD825AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD825 AD-AD825_04 Datasheet
413Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825 AD-AD825_15 Datasheet
319Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. G
AD825 AD-AD825 Datasheet
2Mb / 11P
   Low Cost, General Purpose High Speed JFET Amplifier
REV. C
AD825ARZ-REEL AD-AD825ARZ-REEL Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
   LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
Analog Devices
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
   GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com