Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

154MWS402KN Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 154MWS402KN
Description  Metallized Polyester Film Capacitors for High Voltage Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

154MWS402KN Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  154MWS402KN Datasheet HTML 1Page - Illinois Capacitor, Inc. 154MWS402KN Datasheet HTML 2Page - Illinois Capacitor, Inc. 154MWS402KN Datasheet HTML 3Page - Illinois Capacitor, Inc. 154MWS402KN Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
129
®
2500
(500)
4000
(750)
6300
(1000)
10000
(1200)
MWS
Metallized Polyester
Film Capacitors for
High Voltage
Applications
PHYSICAL DIMENSIONS
µF
WVDC
(VAC)
Convert to inches, divide by 25.4
DxL(mm)
Lead Diameter
Dd
< 8.0
0.6
8
≤D≤22
0.8
>22
1.0
D
Max
35.0 min
L
Max
d
35.0 min
0.0015
8.5x29
11x40.5
15.5x63
0.0022
9.5x29
13x40.5
17.5x63
0.0033
11x29
15x40.5
22x63
0.0047
8.5x29
12.5x29
17x40.5
25x63
0.0068
9.5x29
14.5x29
15.5x49.5
28.5x63
0.01
11x29
17x29
18x49.5
33x63
0.015
13x29
15x34
21.5x49.5
39x63
0.022
14.5x29
18.5x34
25.5x49.5
0.033
14.5x34
22x34
30x49.5
0.047
17x34
20x46.5
36x49.5
0.068
20x34
23x46.5
0.1
18.5x49.5
27.5x46.5
0.15
21.5x49.5
33.5x46.5
0.22
25.5x49.5
0.33
31x49.5
0.47
37x49.5


Similar Part No. - 154MWS402KN

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
154MWS402KN ILLINOISCAPACITOR-154MWS402KN Datasheet
380Kb / 3P
   Metallized Polyester Film Capacitors for High Voltage Applications
154MWS402KN ILLINOISCAPACITOR-154MWS402KN Datasheet
171Kb / 2P
   High Voltage
More results

Similar Description - 154MWS402KN

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
152MWS402KG ILLINOISCAPACITOR-152MWS402KG Datasheet
380Kb / 3P
   Metallized Polyester Film Capacitors for High Voltage Applications
223MTB102KE ILLINOISCAPACITOR-223MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
logo
MERITEK ELECTRONICS COR...
HMPE MERITEK-HMPE Datasheet
111Kb / 1P
   Hi-Voltage Metallized Polyester Film Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32237 EPCOS-B32237 Datasheet
112Kb / 6P
   Metallized polyester film capacitors (MKT) High voltage (wound)
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com