Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

684MARA01KJ Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 684MARA01KJ
Description  Axial Leaded Polypropylene Film
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

684MARA01KJ Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  684MARA01KJ Datasheet HTML 1Page - Illinois Capacitor, Inc. 684MARA01KJ Datasheet HTML 2Page - Illinois Capacitor, Inc. 684MARA01KJ Datasheet HTML 3Page - Illinois Capacitor, Inc. 684MARA01KJ Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Small size Good dvdt Medium current
APPLICATIONS
General purpose AC/DC AC/DC motor controls Switching Power
Supplies
Operating Temperature Range
-40°C to +85°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
370
500
600
700
800
SVDC
470
625
750
875
1050
Peak, AC voltage
(50/60 Hz)
VAC
160
275/320
320/400
400/440
400/500
C<2.5uF
2.5<C<20uF
C>20uF
Dissipation Factor (MAX)
Tan
δ
at 1 kHz and 25°C
.0007
.0012
.0016
Insulation Resistance
@25°C (<70% RH)for 1 minute
at 100VDC applied
15000 MΩxuF
Self Inductance
<1 nano-Henry per mm of body length and lead length
Terminal to Terminal
Terminal to Case
Dielectric Strength
200% of VDC or VAC applied for
10 Seconds and 25°C
3kVAC (50/60 Hz) applied
for 60 Seconds and 25°C
56 days with no voltage applied at +40C and 93%(+2%) relative humidity
Capacitance Change
<+2% of initially measured value
Dissipation Factor
<.001 at 1 kHz for C>0.1uF
Damp Heat
Insulation Resistance
>50% of minimum specified value
WVDC
370
500
600
700
800
VAC
160
200
275
320
320
400
400
440
400
500
Reliability
Hours
10000
1000
10000
1000
10000
3000
10000
1000
10000
1000
Failure quota
500/10
9 component hours
Construction
metallized film
Coating
Flame Retardant Polyester tape wrap (UL510)with epoxy end fill(UL94V0)
Lead terminations
Lead free tinned copper leads


Similar Part No. - 684MARA01KJ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
684MARA01KJ ILLINOISCAPACITOR-684MARA01KJ Datasheet
383Kb / 4P
   Axial Leaded Metallized Polypropylene Film
684MARA01KJ ILLINOISCAPACITOR-684MARA01KJ Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
More results

Similar Description - 684MARA01KJ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
224MARA01KG ILLINOISCAPACITOR-224MARA01KG Datasheet
383Kb / 4P
   Axial Leaded Metallized Polypropylene Film
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
logo
RFE international
PNT104K2G RFE-PNT104K2G Datasheet
82Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PNT Series: Axial Leaded Tubular
logo
Cornell Dubilier Electr...
935C1W1K-F CDE-935C1W1K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
103FPA202K ILLINOISCAPACITOR-103FPA202K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
472PPA302KG ILLINOISCAPACITOR-472PPA302KG_13 Datasheet
482Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
105MPL100K ILLINOISCAPACITOR-105MPL100K_13 Datasheet
195Kb / 2P
   Axial leaded metallized polypropylene film capacitors with Lug terminals
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com