Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1866R-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD1866R-REEL
Description  Single Supply Dual 16-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1866R-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1866R-REEL Datasheet HTML 4Page - Analog Devices AD1866R-REEL Datasheet HTML 5Page - Analog Devices AD1866R-REEL Datasheet HTML 6Page - Analog Devices AD1866R-REEL Datasheet HTML 7Page - Analog Devices AD1866R-REEL Datasheet HTML 8Page - Analog Devices AD1866R-REEL Datasheet HTML 9Page - Analog Devices AD1866R-REEL Datasheet HTML 10Page - Analog Devices AD1866R-REEL Datasheet HTML 11Page - Analog Devices AD1866R-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD1866–Digital Circuit Considerations
REV. 0
–8–
L
S
B
M
S
B
M
S
B
L
S
B
CLK
DL
DR
LL
LR
Figure 9. AD1866 Control Signals
INPUT DATA
The digital input port of the AD1866 employs five signals: Data
Left (DL), Data Right (DR), Latch Left (LL), Latch Right
(LR), and Clock (CLK). DL and DR are the serial inputs for
the left and right DACs, respectively. Input data bits are clocked
into the input register on the rising edge of CLK. The falling
edges of LL and LR cause the last 16 bits which were clocked
into the serial registers to be shifted into the DACs, thereby up-
dating the respective DAC outputs. For systems using only a
single latch signal, LL and LR may be connected together. For
systems using only one DATA signal, DR and DL may be con-
nected together. Data is transmitted to the AD1866 in a bit
stream composed of 16-bit words with a serial, twos comple-
ment, MSB first format. Left and right channels share the Clock
(CLK) signal.
Figure 9 illustrates the general signal requirements for data
transfer for the AD1866.
TIMING
Figure 10 illustrates the specific timing requirements that must
be met in order for the data transfer to be accomplished prop-
erly. The input pins of the AD1866 are both TTL and +5 V
CMOS compatible.
>30ns
>10ns
>10ns
>30ns
>30ns
>15ns
>40ns
>40ns
DR/DL
CLK
LR/LL
>67ns
>40ns
Figure 10. AD1866 Input Signal Timing
The maximum clock rate of the AD1866 is specified to be at
least 13.5 MHz. This clock rate allows data transfer rates of 2
×,
4
×, 8×, and 16× F
S (where FS equals 44.1 kHz). The applica-
tions section of this data sheet contains additional guidelines for
using the AD1866.


Similar Part No. - AD1866R-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1866R-REEL AD-AD1866R-REEL Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
More results

Similar Description - AD1866R-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
MOSA ELECTRONICS
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
   16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
logo
Analog Devices
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com