Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5200BRMZ10 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5200BRMZ10
Description  256-Position and 33-Position Digital Potentiometers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5200BRMZ10 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5200BRMZ10 Datasheet HTML 4Page - Analog Devices AD5200BRMZ10 Datasheet HTML 5Page - Analog Devices AD5200BRMZ10 Datasheet HTML 6Page - Analog Devices AD5200BRMZ10 Datasheet HTML 7Page - Analog Devices AD5200BRMZ10 Datasheet HTML 8Page - Analog Devices AD5200BRMZ10 Datasheet HTML 9Page - Analog Devices AD5200BRMZ10 Datasheet HTML 10Page - Analog Devices AD5200BRMZ10 Datasheet HTML 11Page - Analog Devices AD5200BRMZ10 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD5200/AD5201
–8–
FREQUENCY – Hz
500
10k
450
400
350
300
250
200
150
100
50
0
100k
1M
10M
CODE FFH
ISS @ VDD/VSS = 2.5V
IDD @ VDD/VSS = 2.5V
IDD @ VDD/VSS = 5V/0V
IDD @ VDD/VSS = 3V/0V
TPC 13. AD5200 10 k
Ω Supply Current vs. Clock Frequency
FREQUENCY – Hz
500
10k
450
400
350
300
250
200
150
100
50
0
100k
1M
10M
CODE 55H
ISS @ VDD/VSS = 2.5V
IDD @ VDD/VSS = 2.5V
IDD @ VDD/VSS = 5V/0V
IDD @ VDD/VSS = 3V/0V
TPC 14. AD5200 10 k
Ω Supply Current vs. Clock Frequency
FREQUENCY – Hz
100
1k
10k
1M
+PSRR @ VDD = 5V DC 10% p-p AC
100k
+PSRR @ VDD = 3V DC 10% p-p AC
–PSRR @ VDD = 3V DC 10% p-p AC
CODE = 80H, VA = VDD, VB = 0V
80
60
40
20
0
TPC 15. Power Supply Rejection Ratio vs. Frequency
FREQUENCY – Hz
6
–54
1k
10k
100k
1M
–48
–42
–36
–30
–24
–18
–12
–6
0
80H
40H
20H
10H
08H
04H
02H
01H
TPC 16. AD5200 10 k
Ω Gain vs. Frequency vs. Code
FREQUENCY – Hz
6
–54
1k
10k
100k
1M
–48
–42
–36
–30
–24
–18
–12
–6
0
80H
40H
20H
10H
08H
04H
02H
01H
TPC 17. AD5200 50 k
Ω Gain vs. Frequency vs. Code
FREQUENCY – Hz
6
–54
1k
10k
100k
1M
–48
–42
–36
–30
–24
–18
–12
–6
0
10H
8H
4H
2H
1H
TPC 18. AD5201 10 k
Ω Gain vs. Frequency vs. Code


Similar Part No. - AD5200BRMZ10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5200BRMZ10 AD-AD5200BRMZ10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRMZ10-REEL7 AD-AD5200BRMZ10-REEL7 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results

Similar Description - AD5200BRMZ10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com