Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3042SVM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MOC3042SVM
Description  6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3042SVM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MOC3042SVM Datasheet HTML 1Page - Fairchild Semiconductor MOC3042SVM Datasheet HTML 2Page - Fairchild Semiconductor MOC3042SVM Datasheet HTML 3Page - Fairchild Semiconductor MOC3042SVM Datasheet HTML 4Page - Fairchild Semiconductor MOC3042SVM Datasheet HTML 5Page - Fairchild Semiconductor MOC3042SVM Datasheet HTML 6Page - Fairchild Semiconductor MOC3042SVM Datasheet HTML 7Page - Fairchild Semiconductor MOC3042SVM Datasheet HTML 8Page - Fairchild Semiconductor MOC3042SVM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.fairchildsemi.com
MOC3031M, MOC3032M, MOC3033M, MOC3041M, MOC3042M, MOC3043M Rev. 1.0.1
TA, AMBIENT TEMPERATURE (
oC)
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
0.8
0.9
1.0
1.1
1.2
1.3
-
4
-
3
-
2
-
10
123
4
-800
-600
-400
-200
0
200
400
600
800
IF - LED FORWARD CURRENT (mA)
TA, AMBIENT TEMPERATURE (
°C)
VTM, ON-STATE VOLTAGE (VOLTS)
0.1
1
10
100
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Figure 3. Trigger Current vs. Temperature
Figure 4. Leakage Current, IDRM vs. Temperature
Figure 1. LED Forward Voltage vs. Forward Current
Figure 2. On-State Characteristics
TA = -40°C
TA = 25°C
TA = 85°C
IF = 30mA
TA = 25°C
NORMALIZED TO
T
A = 25
oC


Similar Part No. - MOC3042SVM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3042 MOTOROLA-MOC3042 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
List of Unclassifed Man...
MOC3042 ETC-MOC3042 Datasheet
84Kb / 4P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
logo
Guangdong Youtai Semico...
MOC3042 UMW-MOC3042 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3042 UMW-MOC3042 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
MOC3042 UMW-MOC3042 Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3042SVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3041T-M FAIRCHILD-MOC3041T-M Datasheet
278Kb / 12P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com