Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5248BRMZ100 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5248BRMZ100
Description  Dual, 256-Position, I2C-Compatible Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5248BRMZ100 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5248BRMZ100 Datasheet HTML 7Page - Analog Devices AD5248BRMZ100 Datasheet HTML 8Page - Analog Devices AD5248BRMZ100 Datasheet HTML 9Page - Analog Devices AD5248BRMZ100 Datasheet HTML 10Page - Analog Devices AD5248BRMZ100 Datasheet HTML 11Page - Analog Devices AD5248BRMZ100 Datasheet HTML 12Page - Analog Devices AD5248BRMZ100 Datasheet HTML 13Page - Analog Devices AD5248BRMZ100 Datasheet HTML 14Page - Analog Devices AD5248BRMZ100 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD5243/AD5248
Rev. B | Page 11 of 20
0.01
1
0.1
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DIGITAL INPUT VOLTAGE (V)
TA = 25°C
VDD = 2.7V
VDD = 5.5V
Figure 24. Supply Current vs. Digital Input Voltage
SCL
VW
Figure 25. Digital Feedthrough
VW1
VW2
Figure 26. Digital Crosstalk
VW1
VW2
Figure 27. Analog Crosstalk
VW
Figure 28. Midscale Glitch, Code 0x80 to Code 0x7F
SCL
VW
Figure 29. Large-Signal Settling Time


Similar Part No. - AD5248BRMZ100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5248BRMZ100 AD-AD5248BRMZ100 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5248BRMZ100 AD-AD5248BRMZ100 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5248BRMZ100-RL7 AD-AD5248BRMZ100-RL7 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5248BRMZ100-RL7 AD-AD5248BRMZ100-RL7 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
More results

Similar Description - AD5248BRMZ100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5273 ONSEMI-CAT5273 Datasheet
225Kb / 14P
   Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
logo
Analog Devices
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com