Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5248BRMZ100-RL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5248BRMZ100-RL7
Description  Dual, 256-Position, I2C-Compatible Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5248BRMZ100-RL7 Datasheet(HTML) 3 Page - Analog Devices

  AD5248BRMZ100-RL7 Datasheet HTML 1Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 2Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 3Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 4Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 5Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 6Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 7Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 8Page - Analog Devices AD5248BRMZ100-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD5243/AD5248
Rev. B | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS: 2.5 kΩ VERSION
VDD = 5 V ± 10%, or 3 V ± 10%; VA = VDD; VB = 0 V; −40°C < TA < +125°C; unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = no connect
−2
±0.1
+2
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, VA = no connect
−14
±2
+14
LSB
Nominal Resistor Tolerance3
∆RAB
TA = 25°C
−20
+55
%
Resistance Temperature Coefficient
(∆RAB/RAB )/∆T
VAB = VDD, wiper = no connect
35
ppm/°C
Wiper Resistance
RWB
Code = 0x00, VDD = 5 V
160
200
DC CHARACTERISTICS—POTENTIOMETER
DIVIDER MODE4
Differential Nonlinearity5
DNL
−1.5
±0.1
+1.5
LSB
Integral Nonlinearity5
INL
−2
±0.6
+2
LSB
Voltage Divider Temperature Coefficient
(∆VW/VW)/∆T
Code = 0x80
15
ppm/°C
Full-Scale Error
VWFSE
Code = 0xFF
−14
−5.5
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00
0
4.5
12
LSB
RESISTOR TERMINALS
Voltage Range6
VA, VB, VW
GND
VDD
V
Capacitance A, B7
CA, CB
f = 1 MHz, measured to GND,
code = 0x80
45
pF
Capacitance W7
CW
f = 1 MHz, measured to GND,
code = 0x80
60
pF
Shutdown Supply Current8
IA_SD
VDD = 5.5 V
0.01
1
µA
Common-Mode Leakage
ICM
VA = VB = VDD/2
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = 5 V
2.4
V
Input Logic Low
VIL
VDD = 5 V
0.8
V
Input Logic High
VIH
VDD = 3 V
2.1
V
Input Logic Low
VIL
VDD = 3 V
0.6
V
Input Current
IIL
VIN = 0 V or 5 V
±1
µA
Input Capacitance7
CIL
5
pF
POWER SUPPLIES
Power Supply Range
VDD RANGE
2.7
5.5
V
Supply Current
IDD
VIH = 5 V or VIL = 0 V
3.5
6
µA
Power Dissipation9
PDISS
VIH = 5 V or VIL = 0 V, VDD = 5 V
30
µW
Power Supply Sensitivity
PSS
VDD = 5 V ± 10%, code = midscale
±0.02
±0.08
%/%
DYNAMIC CHARACTERISTICS10
Bandwidth, −3 dB
BW
Code = 0x80
4.8
MHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz
0.1
%
VW Settling Time
tS
VA = 5 V, VB = 0 V, ±1 LSB error band
1
µs
Resistor Noise Voltage Density
eN_WB
RWB = 1.25 kΩ, RS = 0
3.2
nV/√Hz
1
Typical specifications represent average readings at 25°C and VDD = 5 V.
2
Resistor position nonlinearity error, R-INL, is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from the ideal between successive tap positions. Parts are guaranteed monotonic.
3
VA = VDD, VB = 0 V, wiper (VW) = no connect.
4
Specifications apply to all VRs.
5
INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output digital-to-analog converter (DAC). VA = VDD and VB = 0 V.
DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
6
Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other.
7
Guaranteed by design, but not subject to production test.
8
Measured at the A terminal. The A terminal is open circuited in shutdown mode.
9
PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
10
All dynamic characteristics use VDD = 5 V.


Similar Part No. - AD5248BRMZ100-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5248BRMZ100-RL7 AD-AD5248BRMZ100-RL7 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5248BRMZ100-RL7 AD-AD5248BRMZ100-RL7 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
More results

Similar Description - AD5248BRMZ100-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5273 ONSEMI-CAT5273 Datasheet
225Kb / 14P
   Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
logo
Analog Devices
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com