Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7880BN Datasheet(PDF) 4 Page - Analog Devices

Part # AD7880BN
Description  LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7880BN Datasheet(HTML) 4 Page - Analog Devices

  AD7880BN Datasheet HTML 1Page - Analog Devices AD7880BN Datasheet HTML 2Page - Analog Devices AD7880BN Datasheet HTML 3Page - Analog Devices AD7880BN Datasheet HTML 4Page - Analog Devices AD7880BN Datasheet HTML 5Page - Analog Devices AD7880BN Datasheet HTML 6Page - Analog Devices AD7880BN Datasheet HTML 7Page - Analog Devices AD7880BN Datasheet HTML 8Page - Analog Devices AD7880BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7880
–4–
REV. 0
PIN FUNCTION DESCRIPTION
Pin
Pin
No.
Mnemonic Function
1VINA
Analog Input.
2VINB
Analog Input.
3
AGND
Analog Ground.
4VREF
Voltage Reference Input. This is normally tied to VDD.
5
CS
Chip Select. Active Low Logic input. The device is selected when this input is active.
6
CONVST
Convert Start. A low to high transition on this input puts the track/hold into hold mode and starts con-
version. This input is asynchronous to the CLKIN and is independent of CS and RD.
7
RD
Read. Active Low Logic Input. This input is used in conjunction with CS low to enable data outputs.
8
BUSY
Active Low Logic Output. This status line indicates converter status. BUSY is low during conversion.
9
CLKIN
Clock Input. TTL-compatible logic input. Used as the clock source for the A/D converter. The mark/
space ratio of the clock can vary from 40/60 to 60/40.
10
DGND
Digital Ground.
11 . . . 22
DB0–DB11 Three-State Data Outputs. These become active when CS and RD are brought low.
23
MODE
MODE Input. This input is used to put the device into the power save mode (MODE = 0 V). During
normal operation, the MODE input will be a logic high (MODE = VDD).
24
VDD
Power Supply. This is nominally +5 V.
ORDERING GUIDE
Bipolar
Full-Scale
Zero
Temperature
Error
Error
Package
Model
Range
(LSBs)
(LSBs)
Option*
AD7880BN
–40
°C to +85°C ±15
±10
N-24
AD7880BQ
–40
°C to +85°C ±15
±10
Q-24
AD7880CN
–40
°C to +85°C ± 5
± 5
N-24
AD7880CQ
–40
°C to +85°C ± 5
± 5
Q-24
AD7880BR
–40
°C to +85°C ±15
±10
R-24
AD7880CR
–40
°C to +85°C ± 5
± 5
R-24
*N = Plastic DIP; Q = Cerdip; R = SOIC (Small Outline Integrated Circuit).
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
AD7880
AGND
CLKIN
DGND
DB0
DB1
DB2
DB3
DB4
DB5
DB6
VDD
DB8
VINA
VINB
DB7
DB9
DB10
DB11
MODE
CS
CONVST
RD
BUSY
VREF


Similar Part No. - AD7880BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7880BN AD-AD7880BN Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BN AD-AD7880BN Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
More results

Similar Description - AD7880BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880_15 Datasheet
340Kb / 16P
   LC MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_17 Datasheet
178Kb / 15P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com