Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7934BRU-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7934BRU-REEL7
Description  4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7934BRU-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD7934BRU-REEL7 Datasheet HTML 1Page - Analog Devices AD7934BRU-REEL7 Datasheet HTML 2Page - Analog Devices AD7934BRU-REEL7 Datasheet HTML 3Page - Analog Devices AD7934BRU-REEL7 Datasheet HTML 4Page - Analog Devices AD7934BRU-REEL7 Datasheet HTML 5Page - Analog Devices AD7934BRU-REEL7 Datasheet HTML 6Page - Analog Devices AD7934BRU-REEL7 Datasheet HTML 7Page - Analog Devices AD7934BRU-REEL7 Datasheet HTML 8Page - Analog Devices AD7934BRU-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7933/AD7934
Rev. B | Page 4 of 32
Parameter
Value1
Unit
Test Conditions/Comments
REFERENCE INPUT/OUTPUT
VREF Input Voltage5
2.5
V
±1% specified performance
DC Leakage Current4
±1
μA max
VREFOUT Output Voltage
2.5
V
±0.2% max @ 25°C
VREFOUT Temperature Coefficient
25
ppm/°C max
5
ppm/°C typ
VREF Noise
10
μV typ
0.1 Hz to 10 Hz bandwidth
130
μV typ
0.1 Hz to 1 MHz bandwidth
VREF Output Impedance
10
Ω typ
VREF Input Capacitance
15
pF typ
When in track
25
pF typ
When in hold
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
±5
μA max
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance, CIN4
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
2.4
V min
ISOURCE = 200 μA
Output Low Voltage, VOL
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±3
μA max
Floating-State Output Capacitance4
10
pF max
Output Coding
Straight (natural) binary
CODING bit = 0
Twos complement
CODING bit = 1
CONVERSION RATE
Conversion Time
t2 + 13 tCLK
ns
Track-and-Hold Acquisition Time
125
ns max
Full-scale step input
80
ns typ
Sine wave input
Throughput Rate
1.5
MSPS max
POWER REQUIREMENTS
VDD
2.7/5.25
V min/max
VDRIVE
2.7/5.25
V min/max
IDD6
Digital inputs = 0 V or VDRIVE
Normal Mode (Static)
0.8
mA typ
VDD = 2.7 V to 5.25 V, SCLK on or off
Normal Mode (Operational)
2.7
mA max
VDD = 4.75 V to 5.25 V
2.0
mA max
VDD = 2.7 V to 3.6 V
Autostandby Mode
0.3
mA typ
FSAMPLE = 100 kSPS, VDD = 5 V
160
μA typ
Static
Full/Autoshutdown Mode (Static)
2
μA max
SCLK on or off
Power Dissipation
Normal Mode (Operational)
13.5
mW max
VDD = 5 V
6
mW max
VDD = 3 V
Autostandby Mode (Static)
800
μW typ
VDD = 5 V
480
μW typ
VDD = 3 V
Full/Autoshutdown Mode
10
μW max
VDD = 5 V
6
μW max
VDD = 3 V
1 Temperature range is −40°C to +85°C.
2 See Terminology section.
3 VCM is the common-mode voltage. For full common-mode range, see Figure 25 and Figure 26. VIN+ and VIN− must always remain within GND/VDD.
4 Sample tested during initial release to ensure compliance.
5 This device is operational with an external reference in the range of 0.1 V to VDD. See the Reference section for more information.
6 Measured with a midscale dc analog input.


Similar Part No. - AD7934BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7934BRU-6 AD-AD7934BRU-6 Datasheet
750Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. A
AD7934BRU-6 AD-AD7934BRU-6 Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7934BRU-6REEL AD-AD7934BRU-6REEL Datasheet
617Kb / 29P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
AD7934BRU-6REEL7 AD-AD7934BRU-6REEL7 Datasheet
750Kb / 28P
   4-Channel, 625 kSPS, 12-Bit Parallel ADC with a Sequencer
REV. A
More results

Similar Description - AD7934BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7933 AD-AD7933 Datasheet
1Mb / 32P
   4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrG
AD7934 AD-AD7934_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
   4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7938 AD-AD7938 Datasheet
1Mb / 32P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Rev.PrN
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
AD7939 AD-AD7939_15 Datasheet
561Kb / 36P
   8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com