Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7928BRUZ-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # AD7928BRUZ-REEL
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7928BRUZ-REEL Datasheet(HTML) 3 Page - Analog Devices

  AD7928BRUZ-REEL Datasheet HTML 1Page - Analog Devices AD7928BRUZ-REEL Datasheet HTML 2Page - Analog Devices AD7928BRUZ-REEL Datasheet HTML 3Page - Analog Devices AD7928BRUZ-REEL Datasheet HTML 4Page - Analog Devices AD7928BRUZ-REEL Datasheet HTML 5Page - Analog Devices AD7928BRUZ-REEL Datasheet HTML 6Page - Analog Devices AD7928BRUZ-REEL Datasheet HTML 7Page - Analog Devices AD7928BRUZ-REEL Datasheet HTML 8Page - Analog Devices AD7928BRUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD7908/AD7918/AD7928
Rev. D | Page 3 of 32
SPECIFICATIONS
AD7908 SPECIFICATIONS
AVDD = VDRIVE = 2.7 V to 5.25 V, REFIN = 2.5 V, fSCLK = 20 MHz, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
B Version1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 50 kHz sine wave, fSCLK = 20 MHz
Signal-to-(Noise + Distortion) (SINAD)2
49
dB min
B models
48.5
dB min
W models
Signal-to-Noise Ratio (SNR)2
49
dB min
B models
48.5
dB min
W models
Total Harmonic Distortion (THD)2
−66
dB max
Peak Harmonic or Spurious Noise (SFDR)2
−64
dB max
Intermodulation Distortion (IMD)2
fa = 40.1 kHz, fb = 41.5 kHz
Second-Order Terms
−90
dB typ
Third-Order Terms
−90
dB typ
Aperture Delay
10
ns typ
Aperture Jitter
50
ps typ
Channel-to-Channel Isolation2
−85
dB typ
fIN = 400 kHz
Full Power Bandwidth
8.2
MHz typ
@ 3 dB
1.6
MHz typ
@ 0.1 dB
DC ACCURACY2
Resolution
8
Bits
Integral Nonlinearity
±0.2
LSB max
Differential Nonlinearity
±0.2
LSB max
Guaranteed no missed codes to 8 bits
0 V to REFIN Input Range
Straight binary output coding
Offset Error
±0.5
LSB max
Offset Error Match
±0.05
LSB max
Gain Error
±0.2
LSB max
Gain Error Match
±0.05
LSB max
0 V to 2 × REFIN Input Range
−REFIN to +REFIN biased about REFIN with
twos complement output coding
Positive Gain Error
±0.2
LSB max
Positive Gain Error Match
±0.05
LSB max
Zero Code Error
±0.5
LSB max
Zero Code Error Match
±0.1
LSB max
Negative Gain Error
±0.2
LSB max
Negative Gain Error Match
±0.05
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to REFIN
V
RANGE bit set to 1
0 to 2 × REFIN
V
RANGE bit set to 0, AVDD/VDRIVE = 4.75 V to
5.25 V
DC Leakage Current
±1
μA max
Input Capacitance
20
pF typ
REFERENCE INPUT
REFIN Input Voltage
2.5
V
±1% specified performance
DC Leakage Current
±1
μA max
REFIN Input Impedance
36
kΩ typ
fSAMPLE = 1 MSPS
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDRIVE
V min
Input Low Voltage, VINL
0.3 × VDRIVE
V max
Input Current, IIN
±1
μA max
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance, CIN3
10
pF max


Similar Part No. - AD7928BRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
More results

Similar Description - AD7928BRUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7908 AD-AD7908 Datasheet
607Kb / 24P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. A
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI-ADS7950 Datasheet
1Mb / 43P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
[Old version datasheet]   12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Analog Devices
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com