Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT32UC3C064C Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT32UC3C064C
Description  High Performance, Low Power 32-bit AVR Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32UC3C064C Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT32UC3C064C Datasheet HTML 3Page - ATMEL Corporation AT32UC3C064C Datasheet HTML 4Page - ATMEL Corporation AT32UC3C064C Datasheet HTML 5Page - ATMEL Corporation AT32UC3C064C Datasheet HTML 6Page - ATMEL Corporation AT32UC3C064C Datasheet HTML 7Page - ATMEL Corporation AT32UC3C064C Datasheet HTML 8Page - ATMEL Corporation AT32UC3C064C Datasheet HTML 9Page - ATMEL Corporation AT32UC3C064C Datasheet HTML 10Page - ATMEL Corporation AT32UC3C064C Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
7
32117DS–AVR-01/12
AT32UC3C
Analog Comparators
4
4
2
JTAG
1
aWire
1
Max Frequency
66 MHz
Package
LQFP144
TQFP100
TQFP64/QFN64
Table 2-1.
Configuration Summary
Feature
AT32UC3C0512C/
AT32UC3C0256C/
AT32UC3C0128C/
AT32UC3C064C
AT32UC3C1512C/
AT32UC3C1256C/
AT32UC3C1128C/
AT32UC3C164C
AT32UC3C2512C/
AT32UC3C2256C/
AT32UC3C2128C/
AT32UC3C264C


Similar Part No. - AT32UC3C064C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
More results

Similar Description - AT32UC3C064C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
ATUC128D3 ATMEL-ATUC128D3_14 Datasheet
1Mb / 69P
   High Performance, Low Power 32-bit AVR
AT90USB82 ATMEL-AT90USB82_14 Datasheet
320Kb / 21P
   High Performance, Low Power AVR 8-Bit Microcontroller
ATTINY85 ATMEL-ATTINY85_14 Datasheet
3Mb / 196P
   High Performance, Low Power AVR 8-Bit Microcontroller
AT90PWM1 ATMEL-AT90PWM1_14 Datasheet
3Mb / 297P
   High Performance, Low Power AVR 8-bit Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512 Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com