Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH31HN54NK03 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQH31HN54NK03
Description  Chip Inductor (Chip Coil) for High Frequency Vertical Wire Wound Ferrite Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH31HN54NK03 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQH31HN54NK03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH31HN54NK03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
215nH
880nH
54nH
1
10
100
1000
Frequency (MHz)
100
80
60
40
20
0
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Vertical Wire Wound Ferrite Type
I Q-Frequency Characteristics (Typ.)
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Similar Part No. - LQH31HN54NK03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH31HN54NK03 MURATA-LQH31HN54NK03 Datasheet
46Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Vertical Wire Wound Ferrite Type
LQH31HN54NK03 MURATA-LQH31HN54NK03 Datasheet
46Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Vertical Wire Wound Ferrite Type
More results

Similar Description - LQH31HN54NK03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH31HNR88J03L MURATA-LQH31HNR88J03L Datasheet
46Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Vertical Wire Wound Ferrite Type
LQH31HNR29K03L MURATA-LQH31HNR29K03L Datasheet
46Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Vertical Wire Wound Ferrite Type
LQW21HN1R0J00L MURATA-LQW21HN1R0J00L Datasheet
51Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound Ferrite Type
LQW31H MURATA-LQW31H Datasheet
38Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Vertical Wire Wound
LQW2BHN2N7D13L MURATA-LQW2BHN2N7D13L Datasheet
48Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Vertical Wire Wound
LQW18ANR33J00D MURATA-LQW18ANR33J00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW18ANR15G00D MURATA-LQW18ANR15G00D Datasheet
95Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N5B00D MURATA-LQW15AN1N5B00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN1N3C10D MURATA-LQW15AN1N3C10D Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN30NG00D MURATA-LQW15AN30NG00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com