Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH55DN1R0M03 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH55DN1R0M03
Description  Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH55DN1R0M03 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH55DN1R0M03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH55DN1R0M03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Inductors (Coils) > Chip Inductor (Chip Coil) > Power Inductor (Wire Wound Type for Choke)
2011.11.2
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55D Series (2220 Size)
c Dimensions
5.0±0.3
5.0±0.3
5.7±0.3
1.7
min.
1.3
min.
1.3
min.
(in mm)
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
350
K
330mm Embossed Tape
1500
c Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
DC Resistance
Self Resonance Frequency (min.)
LQH55DNR12M03
p
0.12µH ±20%
1MHz
6000mA
0.007ohm ±40%
450MHz
LQH55DNR27M03
p
0.27µH ±20%
1MHz
5300mA
0.010ohm ±40%
300MHz
LQH55DNR47M03
p
0.47µH ±20%
1MHz
4800mA
0.013ohm ±40%
200MHz
LQH55DN1R0M03
p
1.0µH ±20%
1MHz
4000mA
0.019ohm ±40%
150MHz
LQH55DN1R5M03
p
1.5µH ±20%
1MHz
3700mA
0.022ohm ±40%
110MHz
LQH55DN2R2M03
p
2.2µH ±20%
1MHz
3200mA
0.029ohm ±40%
80MHz
LQH55DN3R3M03
p
3.3µH ±20%
1MHz
2900mA
0.036ohm ±40%
40MHz
LQH55DN4R7M03
p
4.7µH ±20%
1MHz
2700mA
0.041ohm ±40%
30MHz
LQH55DN6R8M03
p
6.8µH ±20%
1MHz
2000mA
0.074ohm ±40%
25MHz
LQH55DN100M03
p
10µH ±20%
1MHz
1700mA
0.093ohm ±40%
20MHz
LQH55DN150M03
p
15µH ±20%
1MHz
1400mA
0.15ohm ±40%
17MHz
LQH55DN220M03
p
22µH ±20%
1MHz
1200mA
0.19ohm ±40%
15MHz
LQH55DN330M03
p
33µH ±20%
1MHz
900mA
0.32ohm ±40%
12MHz
LQH55DN470M03
p
47µH ±20%
1MHz
800mA
0.40ohm ±40%
10MHz
LQH55DN680M03
p
68µH ±20%
1MHz
640mA
0.67ohm ±40%
7.6MHz
LQH55DN101M03
p
100µH ±20%
100kHz
560mA
0.86ohm ±40%
6.5MHz
LQH55DN151M03
p
150µH ±20%
100kHz
420mA
1.9ohm ±40%
5.0MHz
LQH55DN221M03
p
220µH ±20%
100kHz
320mA
2.4ohm ±40%
4.0MHz
LQH55DN331M03
p
330µH ±20%
100kHz
270mA
4.4ohm ±40%
3.1MHz
LQH55DN471M03
p
470µH ±20%
100kHz
240mA
5.4ohm ±40%
2.4MHz
LQH55DN681M03
p
680µH ±20%
100kHz
190mA
8.1ohm ±40%
1.9MHz
LQH55DN102M03
p
1000µH ±20%
10kHz
150mA
10.3ohm ±40%
1.7MHz
LQH55DN222M03
p
2200µH ±20%
10kHz
100mA
21.5ohm ±40%
1.2MHz
LQH55DN472M03
p
4700µH ±20%
10kHz
70mA
43.6ohm ±40%
0.8MHz
LQH55DN103M03
p
10000µH ±20%
10kHz
50mA
100ohm ±40%
0.5MHz
Class of Magnetic Shield: No magnetic shield
Operating Temperature Range (Self-temperature rise is not included): -40 to +80°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQH55DN1R0M03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH55DN1R0M03 MURATA-LQH55DN1R0M03 Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN1R0M03 MURATA-LQH55DN1R0M03 Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN1R0M03K MURATA-LQH55DN1R0M03K Datasheet
50Kb / 2P
   Chip Coils for Choke Large Current Type
LQH55DN1R0M03L MURATA-LQH55DN1R0M03L Datasheet
50Kb / 2P
   Chip Coils for Choke Large Current Type
LQH55DN1R0M03L MURATA-LQH55DN1R0M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
More results

Similar Description - LQH55DN1R0M03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH55DN102M03L MURATA-LQH55DN102M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQW18CN85NJ00D MURATA-LQW18CN85NJ00D Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH32CN220K23L MURATA-LQH32CN220K23L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN100K03L MURATA-LQH43CN100K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN2R2M03L MURATA-LQH55DN2R2M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH66S MURATA-LQH66S Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN1R0M03L MURATA-LQH43CN1R0M03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN680K03L MURATA-LQH43CN680K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN100M03L MURATA-LQH55DN100M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH32CN1R0M53L MURATA-LQH32CN1R0M53L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke) LQH32C_53 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com